Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST20-C1 Datasheet(PDF) 82 Page - STMicroelectronics

Part # ST20-C1
Description  Instruction Set Reference Manual
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-C1 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ST20-C1 Datasheet HTML 78Page - STMicroelectronics ST20-C1 Datasheet HTML 79Page - STMicroelectronics ST20-C1 Datasheet HTML 80Page - STMicroelectronics ST20-C1 Datasheet HTML 81Page - STMicroelectronics ST20-C1 Datasheet HTML 82Page - STMicroelectronics ST20-C1 Datasheet HTML 83Page - STMicroelectronics ST20-C1 Datasheet HTML 84Page - STMicroelectronics ST20-C1 Datasheet HTML 85Page - STMicroelectronics ST20-C1 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 205 page
background image
7.5 Inactive processes
82/205
®
7.5
Inactive processes
An inactive process is a process that is waiting for some event to occur, such as a
process executing a
run instruction or a peripheral completing a DMA. An inactive
process cannot continue even if the CPU is idle. Inactive processes are not polled, but
should be rescheduled by the event for which they are waiting.
A process becomes inactive by saving its own state and then executing the
stop
instruction.
stop automatically saves the Iptr and Wptr in the process control block.
The code should save the Tdesc in an appropriate place where the awaited event can
find it. The Tdesc points to the process control block. The Iptr is loaded onto the eval-
uation stack using
ldpi, the Wptr using ldlp 0 and the Tdesc using ldtdesc. For
example:
ldtdesc; ld tdesc_save_address; stnl 0;
stop;
Two mechanisms are provided for rescheduling inactive processes:
• Executing the run instruction. This allows other processes to reschedule an
inactive process. For example, this is used when semaphore signalling to a
waiting process and could be used by other communications, possibly imple-
mented by an operating system.
• Scheduling an exception. This allows external devices to reschedule an inac-
tive process. For example, this is used by DMA peripherals to wake a process
waiting for the DMA to complete. Exception scheduling is described in section
4.11.
The
run instruction takes a task descriptor in Areg and adds the process control block
to the back of the scheduling queue. For example:
ld task_descriptor ; run;
Inactive processes may need to be queued, for example while waiting for a sema-
phore. The semaphore queue handling is incorporated into the signal and wait instruc-
tions, but for other queues the instructions
enqueue and dequeue are needed.
Enqueue will add a process to the back of an arbitrary queue, and dequeue will take a
process from the front of the queue.
7.6
Descheduled process state
When a process restarts after an interrupt or trap, the entire state is loaded from the
saved state. However, when the process starts or restarts after being descheduled,
the CPU makes assumptions about the state of the process, since not all the state
was saved.
Wptr and Iptr are set to the values saved in pw.Wptr and pw.Iptr of the process
descriptor block.
The status register is set to the values shown in Table 7.3. The global interrupt enable
and timeslice enable are global status bits, and are carried over from one process to
the next when a context switch occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com