Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7513T Datasheet(PDF) 59 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 59 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 55Page - STMicroelectronics TDA7513T_07 Datasheet HTML 56Page - STMicroelectronics TDA7513T_07 Datasheet HTML 57Page - STMicroelectronics TDA7513T_07 Datasheet HTML 58Page - STMicroelectronics TDA7513T_07 Datasheet HTML 59Page - STMicroelectronics TDA7513T_07 Datasheet HTML 60Page - STMicroelectronics TDA7513T_07 Datasheet HTML 61Page - STMicroelectronics TDA7513T_07 Datasheet HTML 62Page - STMicroelectronics TDA7513T_07 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
TDA7513T
Software specifications
59/84
0
0
0.5V
0
1
0.75V
10
1V
1
1
1.25V
ISS mode
0
0
Application mode 1
0
1
Application mode 2
ISS Multipath control mode
0
MP control AC+ detection
1
MP control the AC and AC+ detection
Table 50.
Subaddress 16: Quality detection deviation
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
ISS deviation detector ime constant
00
0
charge current 34
μA; discharge current
6
μA
00
1
charge current 32
μA; discharge current
8
μA
01
0
charge current 30
μA; discharge
curren10
μA
10
0
charge current 26
μA; discharge current
14
μA
11
1
charge current 20
μA; discharge current
20
μA
ISS deviation detector thresholds
00
DEV Threshold for ISS narrow-wide
30KHz
01
DEV Threshold for ISS narrow-wide
45KHz
10
DEV Threshold for ISS narrow-wide
60KHz
11
DEV Threshold for ISS narrow-wide
75KHz
0
0
DEV Threshold for ISS filter OFF ratio 1
0
1
DEV Threshold for ISS filter OFF ratio 1.3
Table 49.
Subaddress 15: Quality detection multipath and Smeter test (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com