Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7513T Datasheet(PDF) 70 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 70 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 66Page - STMicroelectronics TDA7513T_07 Datasheet HTML 67Page - STMicroelectronics TDA7513T_07 Datasheet HTML 68Page - STMicroelectronics TDA7513T_07 Datasheet HTML 69Page - STMicroelectronics TDA7513T_07 Datasheet HTML 70Page - STMicroelectronics TDA7513T_07 Datasheet HTML 71Page - STMicroelectronics TDA7513T_07 Datasheet HTML 72Page - STMicroelectronics TDA7513T_07 Datasheet HTML 73Page - STMicroelectronics TDA7513T_07 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
Software specifications
TDA7513T
70/84
4.4
Subaddress organization (stereodecoder and
audioprocessor section)
16
AM high cut control corner frequency
quality noise gain
mpath
test
AMHCC, Quality noise
gain, test
17
mid
Qfactor
mid center
frequency
mid steps
Mid
18
not used
VSBL
Stereo blend
Table 66.
Address organisation (continued)
MSB
LSB
Function
Subaddr.
D7
D6
D5
D4
D3
D2
D1
D0
Table 67.
Stereodecoder and audioprocessor section SUBADDRESS
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
testcon
azhold
autoincr
subaddress
Table 68.
Stereodecoder and audioprocessor section READ MODE
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
STEREO
SMON
Table 69.
Stereodecoder and audioprocessor section ADDRESS
MSB
LSB
S7
S6
S5
S4
S3
S2
S1
S0
10
001
10
R/W
Table 70.
SUBADDRESS 0: Source selector, in-gain, sSpeaker coupling
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Source selector
0
0
0
Quasi-differential input 1
0
0
1
Quasi-differential input 2
0
1
0
not used (mute)
0
1
1
Turner input (AM mode)
1
0
0
Turner input (FM mode)
1
0
1
not used (mute)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com