Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7513T Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 37Page - STMicroelectronics TDA7513T_07 Datasheet HTML 38Page - STMicroelectronics TDA7513T_07 Datasheet HTML 39Page - STMicroelectronics TDA7513T_07 Datasheet HTML 40Page - STMicroelectronics TDA7513T_07 Datasheet HTML 41Page - STMicroelectronics TDA7513T_07 Datasheet HTML 42Page - STMicroelectronics TDA7513T_07 Datasheet HTML 43Page - STMicroelectronics TDA7513T_07 Datasheet HTML 44Page - STMicroelectronics TDA7513T_07 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
TDA7513T
Functional description
41/84
Tuner
Stereo decoder / audio processor
bit0:
ISS filter, 1 = ON, 0 = OFF
bit1:
ISS filter bandwidth, 1 = 80kHz, 0 = 120kHz
bit2:
MPOUT,1 = multipath present, 0 = no multipath
bit3:
1 = PLL is locked in , 0 = PLL is locked out
bit4:
fieldstrength indicator, 1 = lower than softmute; 0 = higher than softmute threshold
bit5:
adjacent channel indicator, 1 = adjacent channel present, 0 = no adjacent channel
bit6:
deviation indicator, 1 = strong overdeviation present, 0 = no strong overdeviation
bit7:
deviation indicator, 1 = overdeviation present, 0 = no overdeviation
bit2:
Soft Mute status, 1 = ON, 0 = OFF
bit3:
Stereo mode, 1 = stereo, 0 = mono
Table 28.
ISS Modes 1
sm
ac
ac+
dev
dev+
ISSon
80KHz
00000
00
01
X
00
11
0
1
X1X1
0
1X
X0
0
1
1
1001
X
00
1
1
X1X1
0
Table 29.
ISS Modes 2
sm
ac
ac+
dev
dev+
ISSon
80KHz
00000
00
01000
10
011
X
X
11
0101
X
10
1X
X0
0
1
1
1001
X
00
1101
X
10
1111
X
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com