Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7513T Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 8Page - STMicroelectronics TDA7513T_07 Datasheet HTML 9Page - STMicroelectronics TDA7513T_07 Datasheet HTML 10Page - STMicroelectronics TDA7513T_07 Datasheet HTML 11Page - STMicroelectronics TDA7513T_07 Datasheet HTML 12Page - STMicroelectronics TDA7513T_07 Datasheet HTML 13Page - STMicroelectronics TDA7513T_07 Datasheet HTML 14Page - STMicroelectronics TDA7513T_07 Datasheet HTML 15Page - STMicroelectronics TDA7513T_07 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
Electrical characteristcs
TDA7513T
12/84
2
Electrical characteristcs
2.1
FM
(VCC = 8V; Tamb = 25°C; Vsg = 60dBμV; fc = 98.1MHz; fdev = 40kHz; fmod = 1kHz unless
otherwise specified)
Table 3.
General
(audioprocessor all flat and stereo decoder input gain = 4dB )
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
US
Useable sensitivity
SNR = 40dB
0
dB
μV
SNR
Signal to Noise ratio
66
dB
LS
Limiting Sensitivity
Soft Mute OFF; @
ΔVout = -
3dB
-4
dBmV
THD
Total Harmonic Distortion
fdev = 40kHz
0.1
0.3
%
fdev = 75kHz
0.15
0.5
%
Vout
Audio output level
rms
375
mV
ISN
Interstation noise
ΔVout @ RF OFF; Soft Mute
OFF
-13
dB
IFCS
IF Counter sensitivity
2
10
dB
μV
Icc
DC current
OSCVcc
5.7
mA
PLLVcc
1.9
mA
DIGVcc
9.8
mA
TUNVcc
50
mA
IF1Vcc
13.4
mA
APVcc
27.3
mA
Table 4.
Mixer1
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Gv
conversion gain
from RFT secondary to IFT1
secondary loaded with 330
Ω
9dB
IIP3
3rd order intercept point
referred to RFT secondary
dB
μV
CIFT1
IFT1
adjustment
capacitor
min
Between MIXOUT+ and
MIXOUT-
0pF
max
8.25
pF
step
0.55
pF
Rin
input resistance (single
ended)
FMMIX1IN+ and FMMIX1IN-
w.r.t. gnd
10
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com