Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7513T Datasheet(PDF) 64 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 64 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 60Page - STMicroelectronics TDA7513T_07 Datasheet HTML 61Page - STMicroelectronics TDA7513T_07 Datasheet HTML 62Page - STMicroelectronics TDA7513T_07 Datasheet HTML 63Page - STMicroelectronics TDA7513T_07 Datasheet HTML 64Page - STMicroelectronics TDA7513T_07 Datasheet HTML 65Page - STMicroelectronics TDA7513T_07 Datasheet HTML 66Page - STMicroelectronics TDA7513T_07 Datasheet HTML 67Page - STMicroelectronics TDA7513T_07 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
Software specifications
TDA7513T
64/84
11
0
24K
Ω
00
1
16K
Ω
Table 57.
Subaddress 23: IFT Adjust
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
IFT1 Adjust
00
00
0pF
00
01
0.55pF
--
--
-
01
11
7.7pF
11
11
8.25pF
IFT2 Adjust
00
00
75pF
10
00
50pF
--
--
-
01
11
22.4pF
11
11
24pF
Table 58.
Subaddress 24: XTAL and FM IF AMP 2 Gain
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
XTAL adjust Cload
000
00
0pF
000
01
0.625pF
000
10
1.25pF
001
00
2.5pF
010
00
5pF
0
0
1
0
0
10pF
0
1
0
0
0
10.4pF
XTAL TEST)
0
xtal clock
1
clocksep (testing)
Table 56.
Subaddress 22: FM Smeter Sider and AM Smeter time constant
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com