Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7513T Datasheet(PDF) 77 Page - STMicroelectronics

Part # TDA7513T
Description  Single chip FM/AM tuner with stereo decoder and audio processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7513T Datasheet(HTML) 77 Page - STMicroelectronics

Back Button TDA7513T_07 Datasheet HTML 73Page - STMicroelectronics TDA7513T_07 Datasheet HTML 74Page - STMicroelectronics TDA7513T_07 Datasheet HTML 75Page - STMicroelectronics TDA7513T_07 Datasheet HTML 76Page - STMicroelectronics TDA7513T_07 Datasheet HTML 77Page - STMicroelectronics TDA7513T_07 Datasheet HTML 78Page - STMicroelectronics TDA7513T_07 Datasheet HTML 79Page - STMicroelectronics TDA7513T_07 Datasheet HTML 80Page - STMicroelectronics TDA7513T_07 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
TDA7513T
Software specifications
77/84
Table 79.
Subaddress 12: Fieldstrength control
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Noise blanker fieldstrength threshold
00
min
10
01
11
max
Noise blanker fieldstrength gain
0
0
2.3V
1
0
1.8V
0
1
1.3V
11
OFF
Quality detector coefficient a
0
0
a = 0.7
0
1
a = 0.85
1
0
a = 1.0
1
1
a = 1.15
Multipath influence on PEAK discharge
0OFF
1ON
Table 80.
Subaddress 13: Noise rectifier discharge resistor
Bandpass gain, internal influence, change current, reflection gain detectors.
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Noise rectifier discharge resistor
0
0
R = infinite
0
1
R = 56K
1
0
R = 33K
1
1
R = 18K
Multipath detector bandpass gain
0
0
6dB
0
1
12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com