Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 51 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 47Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 48Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 49Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 50Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 51Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 52Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 53Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 54Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Bus interface
STw8009/STw8019
50/65
6.2
YcbCr bus
Figure 21.
YcbCr bus format
Figure 22.
Data bus timing
Cb4
Y3
Cr2
Y2
Cb2
Y1
Cr0
Y0
Cb0
Clk
YCbCr[7:0]
Table 22.
YcBCr data bus timing (
Figure 22)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CLK27M
Clock frequency
27
MHz
CLKdc
Clock duty cycle
45
55
%
th
Data input hold time
3
ns
ts
Data input setup time
1.5
ns
CCIR data
CLK27M
ts: CCIR data to CLK27M setup time
th: CCIR data to CLK27M hold time
1V8
GND
th
ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com