Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 48 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 44Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 45Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 46Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 47Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 48Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 49Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 50Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 51Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
STw8009/STw8019
Bus interface
47/65
6
Bus interface
6.1
2 wire serial MPU control interface (I2C compatible)
STw80x9 serial MPU control interface is compliant with I2C standard and acts only as a
slave device. It supports 100 kHz and 400 kHz speeds. In addition to the basic definition of
the I2C standard (SDA & SCL signals), STw80x9 serial MPU interface has an additional
“Add” input used to select one out of two slave addresses.
The device supports 7-bit and 10-bit addresses.
7-bit address mode
In Write mode, several data can be sent without re-initializing a transfer and data is written in
successive registers. (
Figure 18: 2-wire serial MPU control interface format (I2C compatible)
/ 7-bit addresses).
In Read mode: (
Figure 18).
●
Double transaction read: The operation is split into to transactions:
The first one is a write that transmits the desired address. The I2C interface memorizes
the address of the register.
The second transfer is a read that can be repeated to read successive registers. After
each read byte and except for the last one, the master issues an “acknowledge”. The
master indicates that it is reading the last byte by issuing a “no acknowledge” instead of
an “acknowledge”.
●
Single transaction read:
As opposed to the double transaction, instead of stopping the first transaction and
starting the second one, the transactions are combined with a repeated start condition.
Table 21.
STw80x9 addresses
7-bit addresses
10-bit addresses
Read
Write
Read
Write
Add pin = 0
01000001
01000000
00001000001
00001000000
Add pin = 1
01000011
01000010
00001000011
00001000010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com