Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 42 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 38Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 39Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 40Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 41Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 42Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 43Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 44Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 45Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
STw8009/STw8019
Control registers
41/65
Values from these registers are used only when bit flt_ys of register 81 is set to 1.
The coefficient values of luma_coef_0 to luma_coef_7 should be entered as 2’s
complement, and the rest as normal positive values. The hardware will internally generate
normal positive values. Default values:
The FIR filter is symmetrical with the following response:
Working frequency of this filter is the one of pix_clk (27, 24.545454 or 29.5 MHz), and the
filtering is done on upsampled signal (half pix_clk to pix_clk frequency by padding by zeros).
REGISTERS 82 to 91:
luma filter
coefficients
Address:
0x0052 to 0x005B
Type: R/W
Table 17.
Luma_coef_[0:9]
luma_coef_0
reg_82
xxx
xxx
l8(8)
l0(4)
l0(3)
l0(2)
l0(1)
l0(0)
luma_coef_1
reg_83
l9(9)
l9(8)
l1(5)
l1(4)
l1(3)
l1(2)
l1(1)
l1(0)
luma_coef_2
reg_84
l6(8)
l2(6)
l2(5)
l2(4)
l2(3)
l2(2)
l2(1)
l2(0)
luma_coef_3
reg_85
l7(8)
l3(6)
l3(5)
l3(4)
l3(3)
l3(2)
l3(1)
l3(0)
luma_coef_4
reg_86
l4(7)
l4(6)
l4(5)
l4(4)
l4(3)
l4(2)
l4(1)
l4(0)
luma_coef_5
reg_87
l5(7)
l5(6)
l5(5)
l5(4)
l5(3)
l5(2)
l5(1)
l5(0)
luma_coef_6
reg_88
l6(7)
l6(6)
l6(5)
l6(4)
l6(3)
l6(2)
l6(1)
l6(0)
luma_coef_7
reg_89
l7(7)
l7(6)
l7(5)
l7(4)
l7(3)
l7(2)
l7(1)
l7(0)
luma_coef_8
reg_90
l8(7)
l8(6)
l8(5)
l8(4)
l8(3)
l8(2)
l8(1)
l8(0)
luma_coef_9
reg_91
l9(7)
l9(6)
l9(5)
l9(4)
l9(3)
l9(2)
l9(1)
l9(0)
a0 = luma_coef_0[4:0] = 00001
means +1;
a1 = luma_coef_1[5:0] = 111111
means -1;
a2 = luma_coef_2[6:0] = 1110111
means -9;
a3 = luma_coef_3[6:0] = 0000011
means +3;
a4 = luma_coef_4[7:0] = 00011111
means +31;
a5 = luma_coef_5[7:0] = 11111011
means -5;
a6 = luma_coef_6[8:0] = 110101100
means -84;
a7 = luma_coef_7[8:0] = 000000111
means +7;
a8 = luma_coef_8[8:0] = 100111101
means +317;
a9 = luma_coef_9[9:0] = 0111111000
means +504;
Hz
()
a
0
a
1 z
1
–
a
2z
2
–
a
+ 8z
8
–
a
9z
9
–
a
8 z
10
–
a
+ 2z
16
–
a
1z
17
–
a
++
+
+
+
+
+
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com