Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 36 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 32Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 33Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 34Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 35Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 36Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 37Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 38Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 39Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
STw8009/STw8019
Control registers
35/65
dac2_mult[5:0]: multiplying factor on dac2_c digital signal before the D/A converters with
0.78% step.
These registers may be used to jump from a reference line (end of that line) to a target line
of the SAME FIELD. However, not all lines can be skipped or repeated with no problems
and, if needed, this functionality should BE USED WITH CAUTION.
lref[8:0] contains, in binary format, the reference line from which a jump is required.
ltarg[8:0] contains the target line as a binary number.
Default values: lref[8:0]:= 000000000 and ltarg[8:0]:= 000000001.
REGISTER 17
dac2 multiplying
factors
Address: 0x0011
Type: R/W
content
dac2_
mult5
dac2_
mult4
dac2_
mult3
dac2_
mult2
dac2_
mult1
dac2_
mult0
default
10
0000
[1]
[0]
Table 13.
dac2_mult[5:0]: multiplying factor on dac2_c digital signal
dac2_mult[5:0]
0
000
00
75.00%
0
000
01
75.78%
0
000
10
76.56%
0
000
11
77.34%
...
...
...
...
...
(*)
1
000
00
100%
...
...
...
...
...
1
1
1
1
1
1
124.22%
REGISTERS 21, 22, 23
clig_i_reg = ltarg[8:0] and lref[8:0]
Address:
0x0015 to 0x0017
Type: R/W
register 21
ltarg8
ltarg7
ltarg6
ltarg5
ltarg4
ltarg3
ltarg2
ltarg1
register 22
ltarg0
lref8
lref7
lref6
lref5
lref4
lref3
lref2
register 23
lref1
lref0
--
----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com