Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 52 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 48Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 49Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 50Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 51Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 52Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 53Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 54Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 55Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
STw8009/STw8019
Electrical characteristics
51/65
7
Electrical characteristics
7.1
Absolute maximum rating
Unless otherwise specified: TA=+25°C, all voltages are referenced to GND.
7.2
Operating conditions
Unless otherwise specified: TA=+25°C, all voltages are referenced to GND.
Table 23.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vdd
Digital core supply voltage
-0.3 to +1.65
V
VddIO
I/O digital supply voltage
-0.3 to +3.6
V
VccA
Analog supply voltage
-0.3 to +3.8
V
VDCdig
DC input voltage on any digital pin
-0.3 to +2.0
V
VDCana
DC input voltage on any analog pin
-0.3 to +3.8
V
Pmax
Maximum power dissipation
700
mW
Tstg
Storage temperature range
-40 to 125
°C
Vesd
Electrostatic
discharge voltage
Human body model(1)
1.
HBM tests have been performed in compliance with JESD22-A114-B and ESD STM 5.1-2001.HBM
-2 to +2
KV
Charge device
model(2)
2.
CDM tests have been performed in compliance with CDM ANSI-ESDSTM5.3.1-1999
-500 to +500
V
Table 24.
Operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vdd
Digital core supply
voltage
1.08
1.2
1.47
V
VddIO
I/O digital supply voltage
1.65
1.8
3.0
V
VccA
Analog supply voltage
2.7
3.6
V
TA
Operating temperature
-30
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com