Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 29 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 25Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 26Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 27Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 28Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 29Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 30Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 31Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 32Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Control registers
STw8009/STw8019
28/65
Resetting the oscillator means forcing the value of the phase accumulator to its nominal
value to avoid accumulating errors due to the finite number of bits used internally. The value
at which the accumulator is reset is either the hard-wired default phase value or the value
loaded in Reg. 13-14 (according to bit ‘selrst’) at which a 00, 900, 1800, or 2700 correction is
applied according to the field and line at which the reset is performed.
main_entrap: enable trap filter
(*) 0 = trap filter disabled
1 = trap filter enabled
trap_4.43: trap filter centered frequency value selection
(*) 0 = trap filter centered around 3.58 MHz
1 = trap filter centered around 4.43 MHz
Note:
‘trap_4.43’ is taken into account only if bit ‘main_entrap’ is set.
main_del_en: Enable chroma to luma delay programming on cvbs output:
(*) 0 = disabled (DENC automatically set this delay)
1 = enabled (chroma to luma delay is programmed by del(3:0) bits from register 81.
Note:
This delay affects only the cvbs output. The component outputs Y/C remain unaffected.
Refer to register 109 to program chroma to luma delay on Y/C output.
val_422_ck_mux: should be programmed to “0” only.
Table 7.
valrst1 and valrst0 selection
valrst1
valrst0
selection
(*)
0
0
Automatic reset of the oscillator every line
0
1
Automatic reset of the oscillator every 2nd field
1
0
Automatic reset of the oscillator every 4th field
1
1
Automatic reset of the oscillator every 8th field
REGISTER 3
configuration3
Address: 0x0003
Type: R/W
content
main_
entrap
trap_4.43
main_del_
en
val_422_
ck_ mux
xxx
default
00
[0]
[0]
00
0
[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com