Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 44 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 40Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 41Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 42Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 43Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 44Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 45Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 46Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 47Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
STw8009/STw8019
Control registers
43/65
hue_control [6:0]: absolute value of phase adjustment, range 1 to 127.
LSB (0x01) implies 0.17578127 degrees, 0x7F imply 22.324 degrees
hue_control [7]: Sign of phase
1 = +ve; (*) 0 = -ve
(*)
dac1_mult(5:0): multiplying factor on dac1_y digital signal before the D/A converters with
0.78% step.
main_chr_del[3:0]: delay on chroma path with reference to luma path on encoded
component outputs. The delay value varies with modes and the delays are hardwired to
have different delays in different modes. If the delays are to be made programmable make
bitmain_chr_del_en = 1 (Reg 109). That way, soft delay from main_chr_del[3:0] is enabled.
“00000000”
: No phase shift
“10000000”
: No phase shift
“11111111”
: +22.324 degrees phase
“01111111”
: -22.324 degrees phase
REGISTER 106
dac1 multiplying factor Address: 0x006A
Type: R/W
content
xxx
xxx
dac1_
mult5
dac1_
mult4
dac1_
mult3
dac1_
mult2
dac1_
mult1
dac1_
mult0
default
00
1000
00
Table 19.
dac1_multi[5:0]
dac1_mult[5:0]
00
00
00
75.00%
00
00
01
75.78%
00
00
10
76.56%
00
00
11
77.34%
...
...
...
...
...
(*)
1
00
00
0
100%
...
...
...
...
...
11
11
11
124.22%
REGISTER 108
Chroma Delay
Address: 0x006C
Type: R/W
content
main_chr_
del3
main_chr_
del2
main_chr_
del1
main_chr_
del0
default
[0]
[0]
[0]
[0]
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com