Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8009B27T/LF Datasheet(PDF) 31 Page - STMicroelectronics

Part # STW8009B27T/LF
Description  Mobile video DENC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW8009B27T/LF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STW8009B27T/LF Datasheet HTML 27Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 28Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 29Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 30Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 31Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 32Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 33Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 34Page - STMicroelectronics STW8009B27T/LF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Control registers
STw8009/STw8019
30/65
selrst_inc: Choice of Digital Frequency Synthesizer increment after soft reset or when
ph_rst_mode = ‘01’ . See Register 8.
(*) 0 = hard wired value (depending on TV standard)
1 = soft (value from registers 10 to 12)
bkdacN: blanking of DACs (N = 1 or 2)
(*) 0 = DAC N in normal operation
1 = DAC N input code forced to black level for C output or blanking level for Y or CVBS
output depending of dac12_conf bit of configuration13 register.
dacinv: ‘Inverts’ DAC codes to compensate for an inverting output stage in the application
(*) 0 = non inverted DAC inputs (outputs)
1 = inverted DAC inputs (outputs)
softreset: software reset
(*) 0 = no reset
1 = software reset
Note:
Bit ‘softreset’ is automatically reset after internal reset generation. Software reset is active
during 4 PIX_CLK periods. When softreset is activated, all the device is reset as with
hardware reset except for the first nine user registers (registers 0 to 8:
configurations).Registers 10 up to 14 (increment and phase of oscillator), 25-30, 31-33 and
39-42 are never reset (hard/soft).
REGISTER 5
configuration5
Address: 0x0005
Type: R/W
content
selrst_
inc
bkdac2
bkdac1
dacinv
default
00
0
[0]
[0]
[0]
[0]
0
REGISTER 6
configuration6
Address: 0x0006
Type: R/W
content
softreset
jump
dec_ninc
free_
jump
cfc1
cfc0
maxdyn
default
00
0100
[0]
0
Table 10.
jump, dec_ninc, free_jump
jump
dec_
ninc
free_
jump
update mode
00
0
Normal mode (no line skip/insert capability)
ITU-R (CCIR): 313/312 or 263/262
non-interlaced: 312/312 or 262/262
(*)
0
x
1
Manual mode for line insert (“dec_ninc”=0) or skip
(“dec_ninc”=1) capability.
Both fields of all the frames following the writing of this value
are modified according to “lref” and “ltar” bits of registers 21-
22-23 (by default, “lref”=0 and “ltar”=1 which leads to normal
mode above).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com