Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3021 Datasheet(PDF) 506 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 506 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 502Page - Renesas Technology Corp H8/3021 Datasheet HTML 503Page - Renesas Technology Corp H8/3021 Datasheet HTML 504Page - Renesas Technology Corp H8/3021 Datasheet HTML 505Page - Renesas Technology Corp H8/3021 Datasheet HTML 506Page - Renesas Technology Corp H8/3021 Datasheet HTML 507Page - Renesas Technology Corp H8/3021 Datasheet HTML 508Page - Renesas Technology Corp H8/3021 Datasheet HTML 509Page - Renesas Technology Corp H8/3021 Datasheet HTML 510Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 506 / 712 page
background image
15. ROM
Rev.2.00 Mar. 22, 2007 Page 482 of 684
REJ09B0352-0200
Table 15.11 Hardware Protection
Functions
Item
Description
Program Erase
Verify*
1
FWE pin
protection
• When a low level is input to the FWE pin,
FLMCR1, EBR1, and EBR2 are initialized,
and the program/erase-protected state is
entered. *
4
No*
2
No*
3
No*
2
Reset/standby
protection
• In a power-on reset (including a WDT power-
on reset) and in standby mode, FLMCR1,
FLMCR2, EBR1, and EBR2 are initialized,
and the program/erase-protected state is
entered.
• In a reset via the
RES pin, the reset state is
not entered unless the
RES pin is held low
until oscillation stabilizes after powering on.
In the case of a reset during operation, hold
the
RES pin low for the RES pulse width
specified in the AC Characteristics section. *
5
No
No*
3
No*
2
Error protection
• When a microcomputer operation error (error
generation (FLER=1)) was detected while
flash memory was being
programmed/erased, error protection is
enabled. At this time, the FLMCR and EBR
settings are held, but programming/erasing is
aborted at the time the error was generated.
Error protection is released only by a reset
via the
RES pin or a WDT reset, or in the
hardware standby mode.
No
No*
3
Yes*
6
Notes: 1. Two modes: program-verify and erase-verify.
2. Excluding a RAM area overlapping flash memory.
3. All blocks are unerasable and block-by-block specification is not possible.
4. For details see section 15.11, Notes on Flash Memory Programming and Erasing.
5. See section 4.2.2, Reset Sequence, and section 15.11, Notes on Flash Memory
Programming and Erasing. The H8/3022F requires a minimum of 20 system clock
cycles for a reset during operation.
6. It is possible to perform a program-verify operation on the 128 bytes being
programmed, or an erase-verify operation on the block being erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com