Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3003 Datasheet(PDF) 391 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 391 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 387Page - Renesas Technology Corp H8/3003 Datasheet HTML 388Page - Renesas Technology Corp H8/3003 Datasheet HTML 389Page - Renesas Technology Corp H8/3003 Datasheet HTML 390Page - Renesas Technology Corp H8/3003 Datasheet HTML 391Page - Renesas Technology Corp H8/3003 Datasheet HTML 392Page - Renesas Technology Corp H8/3003 Datasheet HTML 393Page - Renesas Technology Corp H8/3003 Datasheet HTML 394Page - Renesas Technology Corp H8/3003 Datasheet HTML 395Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 391 / 715 page
background image
Contention between General Register Write and Input Capture: If an input capture signal
occurs in the T3 state of a general register write cycle, input capture takes priority and the write to
the general register is not performed. See figure 10-68.
Figure 10-68 Contention between General Register Write and Input Capture
Note on Waveform Period Setting: When a counter is cleared by compare match, the counter is
cleared in the last state at which the TCNT value matches the general register value, at the time
when this value would normally be updated to the next count. The actual counter frequency is
therefore given by the following formula:
f =
(f: counter frequency. ø: system clock frequency. N: value set in general register.)
ø
Address
Internal write signal
Input capture signal
TCNT
GR
M
GR address
General register write cycle
T1
T2
T3
M
ø
(N + 1)
373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com