Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3003 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 86Page - Renesas Technology Corp H8/3003 Datasheet HTML 87Page - Renesas Technology Corp H8/3003 Datasheet HTML 88Page - Renesas Technology Corp H8/3003 Datasheet HTML 89Page - Renesas Technology Corp H8/3003 Datasheet HTML 90Page - Renesas Technology Corp H8/3003 Datasheet HTML 91Page - Renesas Technology Corp H8/3003 Datasheet HTML 92Page - Renesas Technology Corp H8/3003 Datasheet HTML 93Page - Renesas Technology Corp H8/3003 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 715 page
background image
4.6 Notes on Stack Usage
When accessing word data or longword data, the H8/3003 regards the lowest address bit as 0. The
stack should always be accessed by word access or longword access, and the value of the stack
pointer (SP, ER7) should always be kept even. Use the following instructions to save registers:
PUSH.W Rn (or MOV.W Rn, @–SP)
PUSH.L ERn (or MOV.L ERn, @–SP)
Use the following instructions to restore registers:
POP.W Rn
(or MOV.W @SP+, Rn)
POP.L ERn
(or MOV.L @SP+, ERn)
Setting SP to an odd value may lead to a malfunction. Figure 4-6 shows an example of what
happens when the SP value is odd.
Figure 4-6 Operation when SP Value is Odd
TRAPA instruction executed
CCR
Legend
CCR:
PC:
R1L:
SP:
SP
PC
RIL
PC
SP
SP
MOV. B RIL, @-ER7
SP set to H'FFFEFF
Data saved above SP
CCR contents lost
Condition code register
Program counter
General register R1L
Stack pointer
Note: The diagram illustrates modes 3 and 4.
H'FFFEFA
H'FFFEFB
H'FFFEFC
H'FFFEFD
H'FFFEFF
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com