Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3003 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 63Page - Renesas Technology Corp H8/3003 Datasheet HTML 64Page - Renesas Technology Corp H8/3003 Datasheet HTML 65Page - Renesas Technology Corp H8/3003 Datasheet HTML 66Page - Renesas Technology Corp H8/3003 Datasheet HTML 67Page - Renesas Technology Corp H8/3003 Datasheet HTML 68Page - Renesas Technology Corp H8/3003 Datasheet HTML 69Page - Renesas Technology Corp H8/3003 Datasheet HTML 70Page - Renesas Technology Corp H8/3003 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 715 page
background image
2.8.2 Program Execution State
In this state the CPU executes program instructions in normal sequence.
2.8.3 Exception-Handling State
The exception-handling state is a transient state that occurs when the CPU alters the normal
program flow due to a reset, interrupt, or trap instruction. The CPU fetches a starting address from
the exception vector table and branches to that address. In interrupt and trap exception handling
the CPU references the stack pointer (ER7) and saves the program counter and condition code
register.
Types of Exception Handling and Their Priority: Exception handling is performed for resets,
interrupts, and trap instructions. Table 2-14 indicates the types of exception handling and their
priority. Trap instruction exceptions are accepted at all times in the program execution state.
Table 2-14 Exception Handling Types and Priority
Priority
Type of Exception Detection Timing
Start of Exception Handling
High
Reset
Synchronized with clock
Exception handling starts immediately
when
RES changes from low to high
Interrupt
End of instruction
When an interrupt is requested,
execution or end of
exception handling starts at the end of
exception handling*
the current instruction or current
exception-handling sequence
Trap instruction
When TRAPA instruction
Exception handling starts when a trap
Low
is executed
(TRAPA) instruction is executed
Note: * Interrupts are not detected at the end of the ANDC, ORC, XORC, and LDC instructions, or
immediately after reset exception handling.
Figure 2-12 classifies the exception sources. For further details about exception sources, vector
numbers, and vector addresses, see section 4, Exception Handling, and section 5, Interrupt
Controller.
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com