Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3003 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 62Page - Renesas Technology Corp H8/3003 Datasheet HTML 63Page - Renesas Technology Corp H8/3003 Datasheet HTML 64Page - Renesas Technology Corp H8/3003 Datasheet HTML 65Page - Renesas Technology Corp H8/3003 Datasheet HTML 66Page - Renesas Technology Corp H8/3003 Datasheet HTML 67Page - Renesas Technology Corp H8/3003 Datasheet HTML 68Page - Renesas Technology Corp H8/3003 Datasheet HTML 69Page - Renesas Technology Corp H8/3003 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 715 page
background image
2.8 Processing States
2.8.1 Overview
The H8/300H CPU has five processing states: the program execution state, exception-handling
state, power-down state, reset state, and bus-released state. The power-down state includes sleep
mode, software standby mode, and hardware standby mode. Figure 2-11 classifies the processing
states. Figure 2-13 indicates the state transitions.
Figure 2-11 Processing States
Processing states
Program execution state
Bus-released state
Reset state
Power-down state
The CPU executes program instructions in sequence
A transient state in which the CPU executes a hardware sequence
(saving PC and CCR, fetching a vector, etc.) in response to a reset,
interrupt, or other exception
The external bus has been released in response to a bus request
signal from a bus master other than the CPU
The CPU and all on-chip supporting modules are initialized and halted
The CPU is halted to conserve power
Sleep mode
Software standby mode
Hardware standby mode
Exception-handling state
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com