| Electronic Components Datasheet Search |
|
H8/3003 Datasheet(PDF) 69 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Datasheet(HTML) 69 Page - Renesas Technology Corp |
|
69 / 715 page ![]() 2.8.4 Exception-Handling Sequences Reset Exception Handling: Reset exception handling has the highest priority. The reset state is entered when the RES signal goes low. Reset exception handling starts after that, when RES changes from low to high. When reset exception handling starts the CPU fetches a start address from the exception vector table and starts program execution from that address. All interrupts, including NMI, are disabled during the reset exception-handling sequence and immediately after it ends. Interrupt Exception Handling and Trap Instruction Exception Handling: When these exception-handling sequences begin, the CPU references the stack pointer (ER7) and pushes the program counter and condition code register on the stack. Next, if the UE bit in the system control register (SYSCR) is set to 1, the CPU sets the I bit in the condition code register to 1. If the UE bit is cleared to 0, the CPU sets both the I bit and the UI bit in the condition code register to 1. Then the CPU fetches a start address from the exception vector table and execution branches to that address. Figure 2-14 shows the stack after the exception-handling sequence. Figure 2-14 Stack Structure after Exception Handling SP–4 SP–3 SP–2 SP–1 SP (ER7) Before exception handling starts SP (ER7) SP+1 SP+2 SP+3 SP+4 After exception handling ends Stack area CCR PC Even address Pushed on stack Legend CCR: SP: Condition code register Stack pointer Notes: 1. 2. PC is the address of the first instruction executed after the return from the exception-handling routine. Registers must be saved and restored by word access or longword access, starting at an even address. 51 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |