Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3003 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 49Page - Renesas Technology Corp H8/3003 Datasheet HTML 50Page - Renesas Technology Corp H8/3003 Datasheet HTML 51Page - Renesas Technology Corp H8/3003 Datasheet HTML 52Page - Renesas Technology Corp H8/3003 Datasheet HTML 53Page - Renesas Technology Corp H8/3003 Datasheet HTML 54Page - Renesas Technology Corp H8/3003 Datasheet HTML 55Page - Renesas Technology Corp H8/3003 Datasheet HTML 56Page - Renesas Technology Corp H8/3003 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 715 page
background image
Table 2-7 Bit Manipulation Instructions
Instruction
Size*
Function
BSET
B
1
→ (<bit-No.> of <EAd>)
Sets a specified bit in a general register or memory operand to 1. The bit
number is specified by 3-bit immediate data or the lower 3 bits of a general
register.
BCLR
B
0
→ (<bit-No.> of <EAd>)
Clears a specified bit in a general register or memory operand to 0. The bit
number is specified by 3-bit immediate data or the lower 3 bits of a general
register.
BNOT
B
¬ (<bit-No.> of <EAd>)
→ (<bit-No.> of <EAd>)
Inverts a specified bit in a general register or memory operand. The bit
number is specified by 3-bit immediate data or the lower 3 bits of a general
register.
BTST
B
¬ (<bit-No.> of <EAd>)
→ Z
Tests a specified bit in a general register or memory operand and sets or
clears the Z flag accordingly. The bit number is specified by 3-bit immediate
data or the lower 3 bits of a general register.
BAND
B
C
∧ (<bit-No.> of <EAd>) → C
ANDs the carry flag with a specified bit in a general register or memory
operand and stores the result in the carry flag.
BIAND
B
C
∧ [¬ (<bit-No.> of <EAd>)] → C
ANDs the carry flag with the inverse of a specified bit in a general register or
memory operand and stores the result in the carry flag.
The bit number is specified by 3-bit immediate data.
Note: * Size refers to the operand size.
B: Byte
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com