| Electronic Components Datasheet Search |
|
H8/3003 Datasheet(PDF) 279 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Datasheet(HTML) 279 Page - Renesas Technology Corp |
|
279 / 715 page ![]() 9.8 Port A 9.8.1 Overview Port A is an 8-bit input/output port that is also used for output (TP7 to TP0) from the programmable timing pattern controller (TPC), input and output (TIOCB2, TIOCA2, TIOCB1, TIOCA1, TIOCB0, TIOCA0, TCLKD, TCLKC, TCLKB, TCLKA) by the 16-bit integrated timer- pulse unit (ITU), and output (TEND1, TEND0) from the DMA controller (DMAC). Port A has the same set of pin functions in all operating modes. Figure 9-11 shows the pin configuration of port A. Pins in port A can drive one TTL load and a 30-pF capacitive load. They can also drive a darlington transistor pair. Port A has Schmitt-trigger inputs. Figure 9-11 Port A Pin Configuration 9.8.2 Register Descriptions Table 9-13 summarizes the registers of port A. Table 9-13 Port A Registers Address* Name Abbreviation R/W Initial Value H'FFD1 Port A data direction register PADDR W H'00 H'FFD3 Port A data register PADR R/W H'00 Note: * Lower 16 bits of the address. Port A PA (input/output)/TP (output)/TIOCB (input/output) PA (input/output)/TP (output)/TIOCA (input/output) PA (input/output)/TP (output)/TIOCB (input/output) 7 6 5 4 3 2 1 0 Port A pins PA (input/output)/TP (output)/TIOCA (input/output) PA (input/output)/TP (output)/TIOCB (input/output)/TCLKD (input) PA (input/output)/TP (output)/TIOCA (input/output)/TCLKC (input) PA (input/output)/TP (output)/TEND (output)/TCLKB (input) PA (input/output)/TP (output)/TEND (output)/TCLKA (input) 7 6 5 4 3 2 1 0 2 2 1 1 0 0 1 0 261 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |