Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 276Page - Renesas Technology Corp M38K09RFS Datasheet HTML 277Page - Renesas Technology Corp M38K09RFS Datasheet HTML 278Page - Renesas Technology Corp M38K09RFS Datasheet HTML 279Page - Renesas Technology Corp M38K09RFS Datasheet HTML 280Page - Renesas Technology Corp M38K09RFS Datasheet HTML 281Page - Renesas Technology Corp M38K09RFS Datasheet HTML 282Page - Renesas Technology Corp M38K09RFS Datasheet HTML 283Page - Renesas Technology Corp M38K09RFS Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 328 page
background image
3.4 List of registers
Rev.2.00
Oct 05, 2006
page 39 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
3.4 List of registers
Fig. 3.4.1 Structure of Port Pi
Fig. 3.4.2 Structure of Port Pi direction register
Port Pi
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi0
Port Pi1
Port Pi2
Port Pi3
Port Pi4
Port Pi5
Port Pi6
Port Pi7
In output mode
Write
Read
q
Port latch
In input mode
Write : Port latch
Read : Value of pins
q
Port Pi (Pi) (i = 0, 1, 2, 3, 4, 5, 6) (Note)
[Address : 0016, 0216, 0416, 0616, 0816, 0A16, 0C16]
?
?
?
?
?
?
?
?
Note: Since the following ports are not allocated, the corrrsponding bits can not be used.
• P44 to P47
• P64 to P67
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi direction register
0
0
0
0
0
0
0
0
Port Pi direction register (PiD) (i = 0, 1, 2, 3, 4, 5, 6) (Note)
[Address : 0116, 0316, 0516, 0716, 0916, 0B16, 0D16]
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
✕
✕
✕
✕
✕
✕
✕
✕
Note: Since the following ports are not allocated, the corrrsponding bits can not be used.
• P44 to P47
• P64 to P67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com