Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K09RFS Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # M38K09RFS
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K09RFS Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button M38K09RFS Datasheet HTML 278Page - Renesas Technology Corp M38K09RFS Datasheet HTML 279Page - Renesas Technology Corp M38K09RFS Datasheet HTML 280Page - Renesas Technology Corp M38K09RFS Datasheet HTML 281Page - Renesas Technology Corp M38K09RFS Datasheet HTML 282Page - Renesas Technology Corp M38K09RFS Datasheet HTML 283Page - Renesas Technology Corp M38K09RFS Datasheet HTML 284Page - Renesas Technology Corp M38K09RFS Datasheet HTML 285Page - Renesas Technology Corp M38K09RFS Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 328 page
background image
3.4 List of registers
Rev.2.00
Oct 05, 2006
page 41 of 89
38K0 Group
REJ09B0337-0200
APPENDIX
Fig. 3.4.6 Structure of Frame number register Low
b7
b0
Frame number low bit
FNUM
[7:0]
In-
definite
In-
definite
Frame number register Low (FNUML) [address 001416]
The frame number is updated at SOF reception.
Bit name
Bit symbol
At reset
Function
H/W
S/W
O ✕
W
R
Fig. 3.4.7 Structure of Frame number register High
b7
b0
FNUM
[10:8]
b7:b3
Frame number register High (FNUMH) [address 001516]
In-
definite
–
In-
definite
–
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
Frame number high bit
Not used
The frame number is updated at SOF reception.
Write “0” when writing.
“0” is read when reading.
✕
O
–: State remaining
00
0
0
0
W
R
Fig. 3.4.8 Structure of USB interrupt source enable register
b7
b0
EP00E
EP01E
EP02E
EP03E
b5:b4
SUSE
RSME
0
0
0
0
–
0
0
0
0
0
0
–
0
0
USB interrupt source enable register (USBICON) [address 001616]
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
Write “0” when writing.
“0” is read when reading.
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
O
O
O
O
O
O
USB function/Endpoint 0 interrupt
enable bit
USB function/Endpoint 1 interrupt
enable bit
USB function/Endpoint 2 interrupt
enable bit
USB function/Endpoint 3 interrupt
enable bit
Not used
Suspend interrupt enable bit
Resume interrupt enable bit
W
R
00
–: State remaining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com