Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 14Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 15Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 16Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 17Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 18Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 19Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 20Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 21Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
18
4234G–SCR–01/07
AT83C24
Deactivation Sequence
The card automatic deactivation is triggered when one the following condition occurs:
•
ICARDERR bit is set by hardware
•
VCARDERR bit is set by hardware (or by software)
•
INSERT is set and CARDIN is cleared (card extraction)
•
SHUTDOWN is set by software
•
CMDVCC goes from Low to High
•
Power fail on VCC (see POWERMON bit in CONFIG4 register)
•
Reset pin going low
It is a self-timed sequence which cannot be interrupted when started (see Figure 14). Each step
is separated by a delay based on Td equal to 8 periods of the DC/DC clock, typically 2 µs:
1.
T0: CARDRST is cleared, SHUTDOWN bit set.
2.
T0 + 5 x Td:CARDCK is cleared, CKSTOP, CARDIO and IODIS are set.
3.
T0 + 6 x Td: CARDIO is cleared.
4.
T0 + 7 x Td: VCARD[1-0] = 00.
Figure 14. Deactivation Sequence
Notes:
1. Setting ICARDERR by software does not trigger a deactivation. VCARDERR can be used to
deactivate the card by software.
2. t1=5 to 5.5*Td, and t2=0.5*Td to Td.
CVCC
CRST
CCLK
CIO,
Td
CC4,
CC8
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com