Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 15Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 16Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 17Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 18Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 19Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 20Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 21Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 22Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
19
4234G–SCR–01/07
AT83C24
Transparent Mode
If the microcontroller outputs ISO 7816 signals, a transparent mode allows to connect RST/CLK
and I/O/C4/C8 signals after an electrical level control. The AT83C24 level shifters adapt the card
signals to the smart card voltage selection.
The CRST and CCLK microcontroller signals can be respectively connected to the A1/RST and
A2/CK pins.
The CRST_SEL bit (in CONFIG4 register) selects standard or transparent configuration for the
CRST pin. CKS in CONFIG2 allows to select standard or transparent configuration for the CCLK
pin. So CCLK and CRST are independent. A2/CK to A0/3V inputs always give the TWI address
at reset. The A0/3V pin can be used for TWI addressing and easily connect two AT83C24
devices on the same TWI bus.
Figure 15. Transparent Mode Description
Power Modes
Two power-down modes are available to reduce the AT83C24 power consumption (see STUT-
DOWN bit in CONFIG1 register and LP bits in CONFIG3 register).
To enter in the mode number 4 (see Table 5), the sequence is the following:
–
First select the Low-power mode by setting the LP bit
–
The activation of the SHUTDOWN bit can then be done.
The AT83C24 exits Power-down if a software/hardware reset is done or if SHUTDOWN bit is
cleared. The AT83C24 is then active immediately.
Either a hardware reset or a TWI command clearing the SHUTDOWN bit can cause an exit from
Power-down. The internal registers retain their value during the shutdown mode.
In Power-down mode, the device is sleeping and waiting for a wake up condition.
To reduce power consumption, the User should stop the clock on the CLK input after setting the
SHUTDOWN bit. The clock can be enabled again just before exiting SHUTDOWN (at least 10
µs before a START bit on SDA).
CCLK
CRST
CIO
I/O
A2/CK
A1/RST
AT83C24
SMART CARD
CRST
CCLK
CC4
Microcontroller
CC8
CIO
C4
C8
CC4
CC8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com