Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 37 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 33Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 34Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 35Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 36Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 37Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 38Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 39Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 40Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
37
4234G–SCR–01/07
AT83C24
Ordering Information
Part Number
Supply Voltage
Temperature Range
Package
Packing
AT83C24B-PRTIL(2)
3V to 5.5V
Industrial
QFN28
Tray
AT83C24B-PRRIL(2)
3V to 5.5V
Industrial
QFN28
Tape&Reel
AT83C24B-PRTIM(2)
4.00V to 5.5V
Industrial
QFN28
Tray
AT83C24B-PRRIM(2)
4.00V to 5.5V
Industrial
QFN28
Tape&Reel
AT83C24B-TISIL
3V to 5.5V
Industrial
SO28
Stick
AT83C24B-TIRIL
3V to 5.5V
Industrial
SO28
Tape&Reel
AT83C24B-TISIM
4.00V to 5.5V
Industrial
SO28
Stick
AT83C24B-TIRIM
4.00V to 5.5V
Industrial
SO28
Tape&Reel
AT83C24NDS-PRTIL (1)(2)
3V to 5.5V
Industrial
QFN28
Tray
AT83C24NDS-PRRIL (1)(2)
3V to 5.5V
Industrial
QFN28
Tape&Reel
AT83C24NDS-PRTIM (1)(2)
4.00V to 5.5V
Industrial
QFN28
Tray
AT83C24NDS-PRRIM (1)(2)
4.00V to 5.5V
Industrial
QFN28
Tape&Reel
AT83C24NDS-TISIL (1)
3V to 5.5V
Industrial
SO28
Stick
AT83C24NDS-TIRIL (1)
3V to 5.5V
Industrial
SO28
Tape&Reel
AT83C24NDS-TISIM (1)
4.00V to 5.5V
Industrial
SO28
Stick
AT83C24NDS-TIRIM (1)
4.00V to 5.5V
Industrial
SO28
Tape&Reel
AT83C24B-PRTUL(2)
3V to 5.5V
Industrial & Green
QFN28
Tray
AT83C24B-PRRUL(2)
3V to 5.5V
Industrial & Green
QFN28
Tape&Reel
AT83C24B-PRTUM(2)
4.00V to 5.5V
Industrial & Green
QFN28
Tray
AT83C24B-PRRUM(2)
4.00V to 5.5V
Industrial & Green
QFN28
Tape&Reel
AT83C24B-TISUL
3V to 5.5V
Industrial & Green
SO28
Stick
AT83C24B-TIRUL
3V to 5.5V
Industrial & Green
SO28
Tape&Reel
AT83C24B-TISUM
4.00V to 5.5V
Industrial & Green
SO28
Stick
AT83C24B-TIRUM
4.00V to 5.5V
Industrial & Green
SO28
Tape&Reel
AT83C24NDS-PRTUL (1)(2)
3V to 5.5V
Industrial & Green
QFN28
Tray
AT83C24NDS-PRRUL (1)(2)
3V to 5.5V
Industrial & Green
QFN28
Tape&Reel
AT83C24NDS-PRTUM(1)(2)
4.00V to 5.5V
Industrial & Green
QFN28
Tray
AT83C24NDS-PRRUM (1)(2)
4.00V to 5.5V
Industrial & Green
QFN28
Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com