Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 23Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 24Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 25Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 26Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 27Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 28Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 29Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 30Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
27
4234G–SCR–01/07
AT83C24
Reset value = 0x00000001
Table 12. STATUS (Status Byte)
7
6
5
4
3
2
1
0
CC8
CC4
CARDIN
VCARDOK
X
VCARD_INT
CRST
CIO
Bit Number
Bit Mnemonic
Description
7
CC8
Card CC8
This bit provides the actual level on the CC8 pin when read.
The reset value is 0.
6
CC4
Card CC4
This bit provides the actual level on the CC4 pin when read.
The reset value is 0.
5
CARDIN
Card Presence Status
This bit is set when a card is detected.
It is cleared otherwise.
4
VCARD_OK
Card Voltage Status
This bit is set by the DCDC when the output voltage remains within the
voltage range specified by VCARD[1:0] bits.
It is cleared otherwise.
The reset value is 0.
3
X
This bit should not be set.
2
VCARD_INT
Card voltage interrupt
This bit is set when VCARD_OK bit is set.
This bit is cleared when read by the microcontroller.
The reset value is 0.
1
CRST
Card RST
This bit provides the actual level on the CRST pin when read.
The reset value is 0.
0
CIO
Card I/O
This bit provides the actual level on the CIO pin when read.
The reset value is 0.
Table 13. TIMER 1 (Timer MSB)
7
6
5
4
3
2
1
0
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit
Number
Bit
Mnemonic Description
7 - 0
Bits 15 - 8
Timer MSB (bits 15 to 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com