Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 32 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 28Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 29Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 30Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 31Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 32Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 33Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 34Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 35Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
32
4234G–SCR–01/07
AT83C24
Notes:
1. Capacitor: X7R type or X5R type, max ESR value is 30mΩ (100kHz-100MHz),
Replacing 3.3µF by 2.2µF in parrallel with 1µF is better for ESR and noise reduction.
Notes:
1. Capacitor: X7R type or X5R type, max ESR value is 30mΩ (100kHz-100MHz),
Replacing 3.3µF by 2.2µF in parrallel with 1µF is better for ESR and noise reduction.
T
VLH
CVCC 0 to Valid
140
110
130
100
250
250
250
250
µ
s
VCC = 3V, C
L = 3.3µF
Icard = 65mA
Icard = 0mA
VCC = 3V, C
L = 10µF
Icard = 60mA
Icard = 0mA
Table 22. Smart Card Class C
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
CI
CC
Card Supply Current Capability
40
mA
VCC = 3V
CI
CC_ovf
Card Supply Current Overflow:
ICCADJ = 0 (reset value)
ICCADJ = 1
45
mA
Spikes on CVCC
1.68
1.92
V
Vcardok up Vcardok high level threshold
1.75
1.8
V
Vcardok
down
Vcardok low level threshold
1.7
1.75
V
TVHL
CVCC valid to 0
180
300
µ
s
Icard = 0, CL = 10 µF
(1)
CVCC = 1.8V to 0.4V
TVLH
CVCC 0 to valid
200
100
50
60
300
150
80
100
µ
s
Icard = 40mA, CL = 10 µF
(1)
Icard = 0, CL = 10 µF
(1)
Icard = 40mA, CL = 3.3 µF
(1)
Icard = 0, CL = 3.3 µF
(1)
CVCC = 0.4 to VCARDOK
Table 21. Smart Card Class B
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Table 23. Smart Card Clock (CCLK pin)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
OL
Output Low-voltage
0
0.4
V
I
OL = -200 µA CLASS
A&B&C
V
OH
Output High Voltage
CVCC - 0.45
0.7CVCC
CVCC
CVCC
V
I
OH = +200 µA CLASS
A&B
CLASS C
I
OS
Short Circuit Current
-30
30
mA
Short to GND or CVCC
tR tF
Rise and Fall time
16
22.5
50
ns
C
L = 30 pF CLASS A
C
L = 30 pF CLASS B
C
L = 30 pF CLASS C
measurement between
10% and 90% of CVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com