Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 31Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 32Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 33Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 34Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 35Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 36Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 37Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 38Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Typical Application
Figure 1. Typical Standard Mode Application Diagram for 3 AT83C24B (up to 8 AT83C24B if needed)
Note:
1. The external resistor on I/O can be removed if the host pin has an internal resistor.
100nF
XTAL1
XTAL2
1uF
Host
CVSS
CVSS
2.2µF
C1
C2
C10
4.7µH
VSS
VSS
PRES/INT
CLK
CRST
CPRES
CIO, CC4, CC8
CCLK
CVCC,
SCL
SDA
I/O, C4, C8
PRES/INT
CLK
CVCC,
SCL
SDA
I/O, C4, C8
PRES/INT
CLK
CVCC,
SCL
SDA
I/O, C4, C8
Card 3
VCC
MICROCONTROLLER
TWI
INT0
Px.y
L1
RESET
RST
VCC
4 to 48 MHz
RESET
RESET
VCC
VSS
VCC
VSS
VCC
A2/CK
A1/RST
A0/3V
A2/CK
A1/RST
A0/3V
A2/CK
A1/RST
A0/3V
EVCC
EVCC
EVCC
VSS
DVCC
VSS
DVCC
VSS
DVCC
100nF
100nF
100nF
VCC
2.2uF
CVSS
C3
100nF
1uF
CVSS
CVSS
C5
C11
2.2uF
CVSS
C6
100nF
1uF
CVSS
CVSS
C8
C12
2.2uF
CVSS
C9
VSS
Reset
pullup
SDA,
SCL
pullups
See note
for
I/O pull up
CRST
CPRES
CIO, CC4, CC8
CCLK
Card 2
CRST
CPRES
CIO, CC4, CC8
CCLK
Card 1
AT83C24B
100nF
C13
VSS
2.2µF
C4
4.7µH
L2
VSS
100nF
C14
VSS
V
CC
2.2µF
C5
4.7µH
L3
VSS
100nF
C15
VSS
VCC
CVCCin
CVCCin
CVCCin
AT83C24B
AT83C24B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com