Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 29Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 30Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 31Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 32Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 33Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 34Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 35Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 36Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
33
4234G–SCR–01/07
AT83C24
Rise and Fall Slew rate
0.2
0.12
V/ns
CLASS A
CCLK from 0.5 to 4.2V
CLASS B
CCLK from 0.5 to 0.85 x
CVCC
Low level voltage stability
(taking into account PCB design)
-0.25
0.5
V
CLASS A&B&C
High level voltage stability
(taking into account PCB design)
4.2
2.35
CVCC-0.4
CVCC+0.25
CVCC+0.25
CVCC+0.25
V
CVCC = CLASS A
CVCC = CLASS B
CLASS C
CCLK
Smart card clock frequency
24
MHz
C
L = 30pF, CLK=48MHz
Table 23. Smart Card Clock (CCLK pin) (Continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Table 24. Smart Card I/O (CIO, CC4, CC8 pins)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
V
IL
Input Low-voltage
-0.3V
0.8
V
I
IL = 500 µA
I
IL
Input Low Current
700
µA
CVCC = CLASS A&B&C
V
IH
Input High Voltage
0.6 x CVCC
0.7 x CVCC
CVCC
CVCC
V
CVCC = CLASS A
CVCC = CLASS B & C
I
IH
Input High Current
-20
+20
µ
A
V
OL
Output Low-voltage
0
0.45
0.3
0.3
V
I
OL = -1 mA CLASS A
I
OL = -1 mA CLASS B
I
OL = -1 mA CLASS C
VOH
Output High Voltage
0.75 x CVCC
0.9 x CVCC
CVCC
CVCC
V
I
OH = 40 µA CLASS
A&B&C
I
OH = 0µA, CLASS A&B
I
OS
Output Short Circuit Current
-15
+15
mA
Short to GND or CVCC
Low level voltage stability
(taking into account PCB design)
-0.25
-0.25
-0.25
0.6
0.4
0.4
V
CLASS A
CLASS B
CLASS C
High level voltage stability
(taking into account PCB design)
CVCC-0.5
CVCC+0.25
V
CVCC = CLASS A&B&C
t
R tF
Output rise and fall time
0.1
µs
C
L = 65 pF
CLASS A:
measurement between
0.6V and 70% of CVCC
CLASS B & C:
measurement between
0.4V and 70% of CVCC
t
R tF
Input rise and fall time
1
µs
C
L = 65 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com