Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT83C24NDS-PRRUL Datasheet(PDF) 20 Page - ATMEL Corporation

Part # AT83C24NDS-PRRUL
Description  Smart Card Reader Interface with Power Management
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C24NDS-PRRUL Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button AT83C24NDS-PRRUL Datasheet HTML 16Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 17Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 18Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 19Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 20Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 21Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 22Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 23Page - ATMEL Corporation AT83C24NDS-PRRUL Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
20
4234G–SCR–01/07
AT83C24
Power Monitoring
The AT83C24 needs only one power supply to run: VCC.
If the microcontroller outputs signals with a different electrical level, the host positive supply is
connected to EVCC.
EVCC and VCC pins can be connected together if they have the same voltage.
•
If EVCC and VCC have different electrical levels:
The EVCC pin and RESET pin should be connected with a resistor bridge. RESET pin high
level must be higher than VIH (see Table 19). When EVCC drops, RESET pin level drops
too. A deactivation sequence starts if a card was active.
Then the AT83C24 resets if RESET pin stays low.
•
If EVCC and VCC have the same value, then they should be connected:
The AT83C24 integrates an internal 3V regulator to feed its logic from the VCC supply. The
bit powermon allows the user to select if the internal PFD monitors VCC or the internal regu-
lated 3V. If the PFD monitors VCC (POWERMON bit=0), a deactivation is performed if VCC
falls below VPFDP (see VPFDP value in the datasheet). Same deactivation is performed if
the internal 3V falls below VPFDP and POWERMON bit = 1.
Table 5. Power Modes Description
Mode
Number
Shutdown
Bit
LP
Bit
STEPREG
VCARD[1:0]
Typical
Supply
Current
Description
1
0
X
0
11
160 mA
30 mA
Step up mode: VCC = 3V, CVCC = 5V,
Icard
= 65mA
Icard
= 0
2
0
X
1
11
70 mA
Regulator mode: VCC = 5.25V, CVCC = 5V,
Icvcc = 65mA
3
0
X
X
00
3 mA
DC/DC off, CLK = 10MHz, VCC=3V to 5V
4
1
0
X
00
90 µA
The TWI interface of the AT83C24 is active
but its analog blocs are switched off to reduce
the consumption
5
1
1
X
00
30 µA
Pulsed mode of the internal 3V logic regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com