Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS4DDR232M64PBGR-3/XT Datasheet HTML 3Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 9Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 10Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
7
Austin Semiconductor, Inc.
NOTES:
1 . Applying power; if CKE is maintained below 0.2 x VCCQ, outputs
remain disabled. To guarantee RTT (ODT resistance) is off, VREF
must be valid and a low level must be applied to the ODT ball (all
other inputs may be undefined, I/Os and outputs must be less
than VCCQ during voltage ramp time to avoid DDR2 SDRAM device
latch-up). At least one of the following two sets of conditions (A
or B) must be met to obtain a stable supply state (stable supply
defined as VCC, VCCQ,VREF, and VTT are between their
minimum and maximum values as stated in DC Operating
Conditions table):
A. (single power source) The VCC voltage ramp from 300mV to
VCC(MIN) must take no longer than 200ms; during the VCC
voltage ramp, |VCC - VCCQ| < 0.3V.
Once supply voltage
ramping is complete (when VCCQ crosses VCC (MIN), DC
Operating Conditions table specifications apply.
• VCC, VCCQ are driven from a single power converter output
• VTT is limited to 0.95V MAX
• VREF tracks VCCQ/2; VREF must be within ±3V with respect
to VCCQ/2 during supply ramp time.
• VCCQ > VREF at all times
B. (multiple power sources) VCC e” VCCQ must be maintained
during supply voltage ramping, for both AC and DC levels, until
supply voltage ramping completes (VCCQ crosses VCC [MIN]).
Once supply voltage ramping is complete, DC Operating
Conditions table specifications apply.
• Apply VCC before or at the same time as VCCQ; VCC voltage
ramp time must be < 200ms from when VCC ramps from
300mV to VCC (MIN)
• Apply VCCQ before or at the same time as VTT; the VCCQ
voltage ramp time from when VCC (MIN) is achieved to when
VCCQ (MIN) is achieved must be < 500ms; while VCC is
ramping, current can be supplied from VCC through the device
to VCCQ
• VREF must track VCCQ/2, VREF must be within ±0.3V with
respect to VCCQ/2 during supply ramp time; VCCQ > VREF
must be met at all times
• Apply VTT; The VTT voltage ramp time from when VCCQ
(MIN) is achieved to when VTT (MIN) is achieved must be no
greater than 500ms
2. For a minimum of 200µ s after stable power and clock (CK, CK#),
apply NOP or DESELECT commands and take CKE HIGH.
3 . Wait a minimum of 400ns, then issue a PRECHARGE ALL command/
4 . Issue an LOAD MODE command to the EMR(2). (To issue an
EMR(2) command, provide LOW to BA0, provide HIGH to BA1.)
5. Issue a LOAD MODE command to the EMR(3). (To issue an EMR(3)
command, provide HIGH to BA0 and BA1.)
6. Issue an LOAD MODE command to the EMR to enable DLL. To
issue a DLL ENABLE command, provide LOW to BA1 and A0,
provide HIGH to BA0. Bits E7, E8, and E9 can be set to “0” or “1”;
Micron recommends setting them to “0.”
7. Issue a LOAD MODE command for DLL RESET. 200 cycles of
clock input
is required to lock the DLL. (To issue a DLL RESET,
provide HIGH to A8 and provide LOW to BA1, and BA0.) CKE
must be HIGH the entire time.
8. Issue PRECHARGE ALL command.
9. Issue two or more REFRESH commands, followed by a dummy
WRITE.
1 0 . Issue a LOAD MODE command with LOW to A8 to initialize
device operation (i.e., to program operating parameters without
resetting the DLL).
11 . Issue a LOAD MODE command to the EMR to enable OCD default
by setting bits E7, E8, and E9 to “1,” and then setting all other
desired
parameters.
1 2 . Issue a LOAD MODE command to the EMR to enable OCD exit
by setting bits E7, E8, and E9 to “0,” and then setting all other
desired
parameters.
1 3 . Issue a LOAD MODE command with LOW to A8 to initialize
device operation (i.e., to program operating parameters without
resetting the DLL).
1 4 . Issue a LOAD MODE command to the EMR to enable OCD default
by setting bits E7,E8, and E9 to “1,” and then setting all other
desired
parameters.
1 5 . Issue a LOAD MODE command to the EMR to enable OCD exit
by setting bits E7, E8, and E9 to “0,” and then setting all other
desired parameters. The DDR2 SDRAM is now initialized and
ready for normal operation 200 clocks after DLL RESET (in
step 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com