Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 27 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 27 Page - Austin Semiconductor

Back Button AS4DDR232M64PBGR-3/XT Datasheet HTML 20Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 21Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 22Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 23Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 24Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 25Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 26Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 27Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 28Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
27
Austin Semiconductor, Inc.
ORDERING INFORMATION
*
Contact ASI Sales Rep for IBIS Models
*
Contact ASI Sales Rep for Thermal Models
Part Number
Availability
AS4DDR232M64PBG-3/IT
Full Production
AS4DDR232M64PBG-38/IT
Full Production
AS4DDR232M64PBG-5/IT
Full Production
AS4DDR232M64PBG-3/ET
Full Production
AS4DDR232M64PBG-38/ET
Full Production
AS4DDR232M64PBG-5/ET
Full Production
AS4DDR232M64PBG-3/XT
Full Production
AS4DDR232M64PBG-38/XT
Full Production
AS4DDR232M64PBG-5/XT
Full Production
AS4DDR232M64PBGR-3/IT
Full Production
AS4DDR232M64PBGR-38/IT
Full Production
AS4DDR232M64PBGR-5/IT
Full Production
AS4DDR232M64PBGR-3/ET
Full Production
AS4DDR232M64PBGR-38/ET
Full Production
AS4DDR232M64PBGR-5/ET
Full Production
AS4DDR232M64PBGR-3/XT
Full Production
AS4DDR232M64PBGR-38/XT
Full Production
AS4DDR232M64PBGR-5/XT
Full Production
IT =
Industrial = Full production, Industrial class integrated component, fully operable across -40C to +85C
ET =
Enhanced = Full production, Enhanced class integrated component, fully operable across -40C to +105C
XT =
Military = Full production, Mil-Temperature class integrated component, fully operable across -55C to +125C
200MHZ
400Mbps
Military RoHS
333MHz
667Mbps
Military RoHS
266MHz
533Mbps
Military RoHS
266MHz
533Mbps
Enhanced RoHS
200MHZ
400Mbps
Enhanced RoHS
200MHZ
400Mbps
Industrial RoHS
333MHz
667Mbps
Enhanced RoHS
333MHz
667Mbps
Industrial RoHS
266MHz
533Mbps
Industrial RoHS
266MHz
533Mbps
Military
200MHZ
400Mbps
Military
200MHZ
400Mbps
Enhanced
333MHz
667Mbps
Military
333MHz
667Mbps
Enhanced
266MHz
533Mbps
Enhanced
266MHz
533Mbps
Industrial
200MHZ
400Mbps
Industrial
Core Freqency
Data Rate
Device Grade
333MHz
667Mbps
Industrial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com