Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 22 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 22 Page - Austin Semiconductor

Back Button AS4DDR232M64PBGR-3/XT Datasheet HTML 18Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 19Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 20Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 21Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 22Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 23Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 24Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 25Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 26Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
22
Austin Semiconductor, Inc.
INPUT DC LOGIC LEVEL
All voltages referenced to Vss
Parameter
Symbol
Min
Max
Unit
AC Input High (Logic 1) Voltage DDR2-400 & DDR2-533
VIH (AC)
VREF + 0.250
---
V
AC Input High (Logic 1) Voltage DDR2-667
VIH (AC)
VREF + 0.200
---
V
ACInput Low (Logic 0) Voltage DDR2-400 & DDR2-533
VIL (AC)
---
VREF - 0.250
V
AC Input Low (Logic 1) Voltage DDR2-667
VIL (AC)
---
VREF - 0.200
V
Parameter
Symbol
Min
Max
Unit
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.125 VCCQ + 0.300
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.300
VREF - 0.125
V
INPUT AC LOGIC LEVEL
All voltages referenced to Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com