Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 4 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 4 Page - Austin Semiconductor

  AS4DDR232M64PBGR-3/XT Datasheet HTML 1Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 2Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 3Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
4
Austin Semiconductor, Inc.
DESCRIPTION
The 2.1Gb DDR2 SDRAM, a high-speed CMOS, dynamic
random-access memory containing 2,147,483,648 bits.
Each of the five chips in the MCP are internally configured
as 4-bank DRAM. The block diagram of the device is
shown in Figure 2. Ball assignments and are shown in
Figure 3.
The 2.1Gb DDR2 SDRAM uses a double-data-rate
architecture to achieve high-speed operation. The double
data rate architecture is essentially a 4
n-prefetch
architecture, with an interface designed to transfer two
data words per clock cycle at the I/O balls. A single read
or write access for the x64 DDR2 SDRAM effectively
consists of a single 4
n-bit-wide, one-clock-cycle data
transfer at the internal DRAM core and four corresponding
n-bit-wide, one-half-clock-cycle data transfers at the I/O
balls.
A bidirectional data strobe (DQS, DQS#) is transmitted
externally, along with data, for use in data capture at the
receiver. DQS is a strobe transmitted by the DDR2
SDRAM during READs and by the memory controller
during WRITEs. DQS is edge-aligned with data for READs
and center-aligned with data for WRITEs. There are
strobes, one for the lower byte (LDQS, LDQS#) and one
for the upper byte (UDQS, UDQS#).
The MCP DDR2 SDRAM operates from a differential clock
(CK and CK#); the crossing of CK going HIGH and CK#
going LOW will be referred to as the positive edge of CK.
Commands (address and control signals) are registered
at every positive edge of CK. Input data is registered on
both edges of DQS, and output data is referenced to both
edges of DQS, as well as to both edges of CK.
Read and write accesses to the DDR2 SDRAM are burst
oriented; accesses start at a selected location and
continue for a programmed number of locations in a
programmed sequence. Accesses begin with the
registration of an ACTIVE command, which is then followed
by a READ or WRITE command. The address bits
registered coincident with the ACTIVE command are used
to select the bank and row to be accessed. The address
bits registered coincident with the READ or WRITE
command are used to select the bank and the starting
column location for the burst access.
The DDR2 SDRAM provides for programmable read or
write burst lengths of four or eight locations. DDR2
SDRAM supports interrupting a burst read of eight with
another read, or a burst write of eight with another write.
An auto precharge function may be enabled to provide a
self-timed row precharge that is initiated at the end of the
burst access.
As with standard DDR SDRAMs, the pipelined, multibank
architecture of DDR2 SDRAMs allows for concurrent
operation, thereby providing high, effective bandwidth by
hiding row precharge and activation time.
A self refresh mode is provided, along with a power-saving
power-down mode.
All inputs are compatible with the JEDEC standard for
SSTL_18. All full drive-strength outputs are SSTL_18-
compatible.
GENERAL NOTES
• The functionality and the timing specifications
discussed in this data sheet are for the DLLenabled
mode of operation.
• Throughout the data sheet, the various figures and
text refer to DQs as ¡°DQ.¡± The DQ term is to be
interpreted as any and all DQ collectively, unless
specifically stated otherwise. Additionally, each chip
is divided into 2 bytes, the lower byte and upper
byte. For the lower byte (DQ0¨CDQ7), DM refers to
LDM and DQS refers to LDQS. For the upper byte
(DQ8¨CDQ15), DM refers to UDM and DQS refers to
UDQS.
• Complete functionality is described throughout
the document and any page or diagram may have
been simplified to convey a topic and may not be
inclusive of all requirements.
• Any specific requirement takes precedence over a
general statement.
INITIALIZATION
DDR2 SDRAMs must be powered up and initialized
in a predefined manner. Operational procedures other
than those specified may result in undefined operation.
The following sequence is required for power up and
initialization and is shown in Figure 4 on page 8.
1. Applying power; if CKE is maintained below 0.2 x
V
CCQ, outputs remain disabled. To guarantee RTT
(ODT resistance) is off, V
REF must be valid and a
low level must be applied to the ODT ball (all other
inputs may be undefined, I/Os and outputs must be
less than V
CCQ during voltage ramp time to avoid
DDR2 SDRAM device latch-up). At least one of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com