Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 17 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 17 Page - Austin Semiconductor

Back Button AS4DDR232M64PBGR-3/XT Datasheet HTML 13Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 14Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 15Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 16Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 17Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 18Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 19Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 20Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 21Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
17
Austin Semiconductor, Inc.
READ COMMAND
The READ command is used to initiate a burst read access
to an active row. The value on the BA1–BA0 inputs selects
the bank, and the address provided on inputs A0–i (where
i = A9) selects the starting column location. The value on
input A10 determines whether or not auto precharge is used.
If auto precharge is selected, the row being accessed will
be precharged at the end of the READ burst; if auto precharge
is not selected, the row will remain open for subsequent
accesses.
READ OPERATION
READ bursts are initiated with a READ command. The starting
column and bank addresses are provided with the READ
command and auto precharge is either enabled or disabled
for that burst access. If auto precharge is enabled, the row
being accessed is automatically precharged at the
completion of the burst. If auto precharge is disabled, the
row will be left open after the completion of the burst.
During READ bursts, the valid data-out element from the
starting column address will be available READ latency (RL)
clocks later. RL is defined as the sum of AL and CL; RL = AL
+ CL. The value for AL and CL are programmable via the MR
and EMR commands, respectively. Each subsequent data-
out element will be valid nominally at the next positive or
negative clock edge (i.e., at the next crossing of CK and
CK#).
DQS/DQS# is driven by the DDR2 SDRAM along with output
data. The initial LOW state on DQS and HIGH state on DQS#
is known as the read preamble (tRPRE). The LOW state on
DQS and HIGH state on DQS# coincident with the last data-
out element is known as the read postamble (tRPST).
Upon completion of a burst, assuming no other commands
have been initiated, the DQ will go High-Z.
Data from any READ burst may be concatenated with data
from a subsequent READ command to provide a continuous
flow of data. The first data element from the new burst follows
the last element of a completed burst. The new READ
command should be issued
x cycles after the first READ
command, where
x equals BL / 2 cycles.
CK
RAS#
WE#
ADDRESS
A
BANK ADDRESS
Col
Bank
ENABLE
DISABLE
A10
CK#
CKE
CS#
CAS#
UTO PRECHARGE
DON’T CARE
FIGURE 11 - READ COMMAND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com