Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4DDR232M64PBGR-3/XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS4DDR232M64PBGR-3/XT
Description  32Mx64 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR232M64PBGR-3/XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS4DDR232M64PBGR-3/XT Datasheet HTML 1Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 2Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 3Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR232M64PBGR-3/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.1 G
2.1 G
2.1 G
2.1 G
2.1 Gbbbbb SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
SDRAM-DDR2
AS4DDR232M64PBG
AS4DDR232M64PBG
Rev. 1.3 6/09
Austin Semiconductor, Inc. ● Austin, Texas ● 512.339.1188 ● www.austinsemiconductor.com
1
Austin Semiconductor, Inc.
32Mx64 DDR2 SDRAM
iNTEGRATED Plastic Encapsulated Microcircuit
FEATURES
DDR2 Data rate = 667, 533, 400
Available in Industrial, Enhanced and Military Temp
Package:
• 255 Plastic Ball Grid Array (PBGA), 25 x 32mm
• 1.27mm pitch
Differential data strobe (DQS, DQS#) per byte
Internal, pipelined, double data rate architecture
4-bit prefetch architecture
DLL for alignment of DQ and DQS transitions with
clock signal
Four internal banks for concurrent operation
(Per DDR2 SDRAM Die)
Programmable Burst lengths: 4 or 8
Auto Refresh and Self Refresh Modes
On Die Termination (ODT)
Adjustable data – output drive strength
1.8V ±0.1V power supply and I/O (VCC/VCCQ)
Programmable CAS latency: 3, 4, 5, or 6
Posted CAS additive latency: 0, 1, 2, 3 or 4
Write latency = Read latency - 1* tCK
Organized as 32M x 64
Weight: AS4DDR232M64PBG ~ 3.5 grams typical
NOTE: Self Refresh Mode available on Industrial and Enhanced temp. only
BENEFITS
SPACE conscious PBGA defined for easy
SMT manufacturability (50 mil ball pitch)
Reduced part count
47% I/O reduction vs Individual CSP approach
Reduced trace lengths for lower parasitic
capacitance
Suitable for hi-reliability applications
Upgradable to 64M x 64 density
(consult factory for info on
AS4DDR264M64PBG)
FUNCTIONAL BLOCK DIAGRAM
ODT
VRef
VCC
VCCQ
VSS
VSSQ
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
VCCL
VSSDL
CS0\
CS1\
CS2\
CS3\
Ax, BA0-2
UDMx, LDMx
UDSQx,UDSQx\
LDSQx, LDSQx\
3
2
2
2
3
2
2
2
3
2
2
2
3
2
2
2
RASx\,CASx\,WEx\
CKx,CKx\,CKEx
3
3
3
3
A
BC
D
DQ0-15
DQ16-31
DQ32-47
A
B
C
DQ48-63
D
Configuration Addressing
Parameter
32 Meg x 72
Configuration
8 Meg x 16 x 4 Banks
Refresh Count
8K
Row Address
8K (A0 A12)
Bank Address
4 (BA0 BA1)
Column Address
1K (A0 A9)


Similar Part No. - AS4DDR232M64PBGR-3/XT

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS4DDR232M64PBGR-3 MICROSS-AS4DDR232M64PBGR-3 Datasheet
305Kb / 28P
iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M64PBGR-38 MICROSS-AS4DDR232M64PBGR-38 Datasheet
305Kb / 28P
iNTEGRATED Plastic Encapsulated Microcircuit
More results

Similar Description - AS4DDR232M64PBGR-3/XT

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3E32M64S-XBX WEDC-W3E32M64S-XBX Datasheet
802Kb / 17P
32Mx64 DDR SDRAM
logo
Austin Semiconductor
AS4DDR16M72PBG AUSTIN-AS4DDR16M72PBG Datasheet
369Kb / 19P
16Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG AUSTIN-AS4DDR32M72PBG Datasheet
357Kb / 19P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR32M72PBG1 AUSTIN-AS4DDR32M72PBG1 Datasheet
343Kb / 18P
32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR232M72PBG AUSTIN-AS4DDR232M72PBG Datasheet
247Kb / 28P
32Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M64PBG1 AUSTIN-AS4DDR264M64PBG1 Datasheet
253Kb / 28P
64Mx64 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M65PBG1 AUSTIN-AS4DDR264M65PBG1 Datasheet
252Kb / 28P
64Mx64 DDR2 SDRAM w/ DUAL CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG AUSTIN-AS4DDR264M72PBG Datasheet
267Kb / 28P
64Mx72 DDR2 SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
AS4DDR264M72PBG1 AUSTIN-AS4DDR264M72PBG1 Datasheet
381Kb / 28P
64Mx72 DDR2 SDRAM w/ SHARED CONTROL BUS iNTEGRATED Plastic Encapsulated Microcircuit
logo
Micross Components
AS4DDR232M64PBG MICROSS-AS4DDR232M64PBG Datasheet
305Kb / 28P
iNTEGRATED Plastic Encapsulated Microcircuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com