Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
47
Enhanced Secure Digital Host Controller (eSDHC)
This means that Data + Clock delay must be greater than –2 ns. This is always fulfilled.
11.3
eSDHC AC Timing Specifications (High-Speed Mode)
Table 42 provides the eSDHC AC timing specifications for high-speed mode as defined in Figure 30 and
Figure 31.
Table 42. eSDHC AC Timing Specifications for High-Speed Mode
At recommended operating conditions OVDD = 3.3 V ± 165 mV.
Parameter
Symbol1
Min
Max
Unit
Notes
SD_CLK clock frequency—high speed mode
fSHSCK
050
MHz
—
SD_CLK clock cycle
tSFSCK
20
—
ns
—
SD_CLK clock frequency—identification mode
fSIDCK
0400
KHz
—
SD_CLK clock low time
tSHSCKL
7—
ns
2
SD_CLK clock high time
tSHSCKH
7—
ns
2
SD_CLK clock rise and fall times
tSHSCKR/
tSHSCKF
—3
ns
2
Input setup times: SD_CMD, SD_DATx, SD_CD to
SD_CLK
tSHSIVKH
5—
ns
2
Input hold times: SD_CMD, SD_DATx, SD_CD to SD_CLK
tSHSIXKH
0—
ns
2
Output delay time: SD_CLK to SD_CMD, SD_DATx valid
tSHSKHOV
—4
ns
2
Output Hold time: SD_CLK to SD_CMD, SD_DATx invalid
tSHSKHOX
0—
ns
2
SD_CLK delay within device
tINT_CLK_DLY
1.5
—
ns
4
SD Card Input Setup
tISU
6—
ns
3
SD Card Input Hold
tIH
2—
ns
3
SD Card Output Valid
tODLY
—14
ns
3
SD Card Output Hold
tOH
2.5
—
ns
3
Note:
1 The symbols used for timing specifications herein follow the pattern of t
(first three letters of functional block)(signal)(state)
(reference)(state) for inputs and t(first three letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tSFSIXKH
symbolizes eSDHC full mode speed device timing (SFS) input (I) to go invalid (X) with respect to the clock reference (K) going
to high (H). Also tSFSKHOV symbolizes eSDHC full speed timing (SFS) for the clock reference (K) to go high (H), with respect
to the output (O) going valid (V) or data output valid time. Note that, in general, the clock reference symbol representation is
based on five letters representing the clock of a particular functional. For rise and fall times, the latter convention is used with
the appropriate letter: R (rise) or F (fall).
2 Measured at capacitive load of 40 pF.
3 For reference only, according to the SD card specifications.
4 Average, for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com