Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
76
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
occurs in the 1–15 MHz range. The source impedance of the clock driver should be 50
Ω to match the
transmission line and reduce reflections which are a source of noise to the system.
Table 67 describes some AC parameters common to SATA protocols.
Figure 57. Differential Measurement Points for Rise and Fall Time
Figure 58. Single-Ended Measurement Points for Rise and Fall Time Matching
Table 67. SerDes Reference Clock Common AC Parameters
At recommended operating conditions with XVDD_SRDS or XVDD_SRDS = 1.0 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
Rising Edge Rate
Rise Edge Rate
1.0
4.0
V/ns
2, 3
Falling Edge Rate
Fall Edge Rate
1.0
4.0
V/ns
2, 3
Differential Input High Voltage
VIH
200
—
mV
2
Differential Input Low Voltage
VIL
—
–200
mV
2
Rising edge rate (SD
n_REF_CLK) to falling edge rate
(SD
n_REF_CLK) matching
Rise-Fall Matching
—
20
%
1, 4
Note:
1 Measurement taken from single ended waveform.
2 Measurement taken from differential waveform.
3 Measured from –200 mV to +200 mV on the differential waveform (derived from SDn_REF_CLK minus SDn_REF_CLK). The
signal must be monotonic through the measurement region for rise and fall time. The 400 mV measurement window is
centered on the differential zero crossing. See Figure 57.
4 Matching applies to rising edge rate for SDn_REF_CLK and falling edge rate for SDn_REF_CLK. It is measured using a
200 mV window centered on the median cross point where SDn_REF_CLK rising meets SD
n_REF_CLK falling. The median
cross point is used to calculate the voltage thresholds the oscilloscope is to use for the edge rate calculations. The Rise Edge
Rate of SD
n_REF_CLK should be compared to the Fall Edge Rate of SDn_REF_CLK, the maximum allowed difference
should not exceed 20% of the slowest edge rate. See Figure 58.
VIH = +200 mV
0.0 V
VIL = –200 mV
SD
n_REF_CLK
Minus
SD
n_REF_CLK
Rise Edge Rate
Fall Edge Rate
TFALL TRISE
SD
n_REF_CLK
VCROSS MEDIAN
SD
n_REF_CLK
SD
n_REF_CLK
VCROSS MEDIAN
SD
n_REF_CLK
VCROSS MEDIAN –100 mV
VCROSS MEDIAN +100 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com