Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
16
Freescale Semiconductor
DDR1 and DDR2 SDRAM
6
DDR1 and DDR2 SDRAM
This section describes the DC and AC electrical specifications for the DDR SDRAM interface of the
MPC8379E. Note that DDR1 SDRAM is GVDD(typ) = 2.5 V and DDR2 SDRAM is GVDD(typ) = 1.8 V.
6.1
DDR1 and DDR2 SDRAM DC Electrical Characteristics
Table 12 provides the recommended operating conditions for the DDR2 SDRAM component(s) of the
device when GVDD(typ) = 1.8 V.
Table 13 provides the DDR2 capacitance when GVDD(typ) = 1.8 V.
Table 12. DDR2 SDRAM DC Electrical Characteristics for GVDD(typ) = 1.8 V
Parameter
Symbol
Min
Max
Unit
Notes
I/O supply voltage
GVDD
1.71
1.89
V
1
I/O reference voltage
MVREF
0.49
× GVDD
0.51
× GVDD
V2, 5
I/O termination voltage
VTT
MVREF –0.04
MVREF +0.04
V
3
Input high voltage
VIH
MVREF + 0.140
GVDD +0.3
V
—
Input low voltage
VIL
–0.3
MVREF – 0.140
V
—
Output leakage current
IOZ
–40
40
μA4
Output high current (VOUT =1.40V)
IOH
–13.4
—
mA
—
Output low current (VOUT =0.3 V)
IOL
13.4
—
mA
—
Note:
1 GV
DD is expected to be within 50 mV of the DRAM GVDD at all times.
2 MV
REF is expected to be equal to 0.5 × GVDD, and to track GVDD DC variations as measured at the receiver. Peak-to-peak
noise on MVREF may not exceed ±2% of the DC value.
3 V
TT is not applied directly to the device. It is the supply to which far end signal termination is made and is expected to be
equal to MVREF. This rail should track variations in the DC level of MVREF.
4 Output leakage is measured with all outputs disabled, 0 V
≤ V
OUT ≤ GVDD.
5 See AN3665, MPC837xE Design Checklist, for proper DDR termination.
Table 13. DDR2 SDRAM Capacitance for GVDD(typ) = 1.8 V
Parameter
Symbol
Min
Max
Unit
Notes
Input/output capacitance: DQ, DQS, DQS
CIO
68
pF
1
Delta input/output capacitance: DQ, DQS, DQS
CDIO
—0.5
pF
1
Note:
1 This parameter is sampled. GV
DD = 1.8 V ± 0.090 V, f = 1 MHz, TA =25°C, VOUT = GVDD/2, VOUT (peak-to-peak) = 0.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com