Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
63
Timers
16 Timers
This section describes the DC and AC electrical specifications for the timers of the MPC8379E.
16.1
Timers DC Electrical Characteristics
Table 59 provides the DC electrical characteristics for the device timers pins, including TIN, TOUT,
TGATE, and RTC_CLK.
16.2
Timers AC Timing Specifications
Table 60 provides the timers input and output AC timing specifications.
Deterministic jitter
fC3dB =fBAUD/10
USATA_TXDJfB/10
—
—
0.35
UIp-p
1
Deterministic jitter
fC3dB =fBAUD/500
USATA_TXDJfB/500
—
—
0.42
UIp-p
1
Deterministic jitter
fC3dB =fBAUD/1667
USATA_TXDJfB/1667
—
—
0.35
UIp-p
1
Note:
1 Measured at Tx output pins peak to peak phase variation, random data pattern.
Table 59. Timers DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Output high voltage
IOH = –6.0 mA
VOH
2.4
—
V
Output low voltage
IOL = 6.0 mA
VOL
—0.5
V
Output low voltage
IOL = 3.2 mA
VOL
—0.4
V
Input high voltage
—
VIH
2.0
OVDD + 0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
0 V
≤ VIN ≤ OVDD
IIN
—
± 30
μA
Table 60. Timers Input AC Timing Specifications 1
Parameter
Symbol 2
Min
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Note:
1 Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2 Timers inputs and outputs are asynchronous to any visible clock. Timers outputs should be synchronized before use by any
external synchronous logic. Timers inputs are required to be valid for at least tTIWID ns to ensure proper operation
Table 58. Gen 2i/3G Receiver AC Specifications (continued)
Parameter
Symbol
Min
Typical
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com