Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
65
IPIC
Figure 44 provides the AC test load for the GPIO.
Figure 44. GPIO AC Test Load
18 IPIC
This section describes the DC and AC electrical specifications for the external interrupt pins of the
MPC8379E.
18.1
IPIC DC Electrical Characteristics
Table 63 provides the DC electrical characteristics for the external interrupt pins of the MPC8379E.
18.2
IPIC AC Timing Specifications
Table 64 provides the IPIC input and output AC timing specifications.
19 SPI
This section describes the DC and AC electrical specifications for the SPI of the MPC8379E.
Table 63. IPIC DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.0
OVDD + 0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
—
IIN
—±30
μA
Output low voltage
IOL = 6.0 mA
VOL
—0.5
V
Output low voltage
IOL = 3.2 mA
VOL
—0.4
V
Note:
1. This table applies for pins IRQ[0:7], IRQ_OUT, MCP_OUT.
2. IRQ_OUT and MCP_OUT are open drain pins, thus VOH is not relevant for those pins.
Table 64. IPIC Input AC Timing Specifications
Parameter
Symbol
Min
Unit
IPIC inputs—minimum pulse width
tPIWID
20
ns
Note:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. IPIC inputs and outputs are asynchronous to any visible clock. IPIC outputs should be synchronized before use by any
external synchronous logic. IPIC inputs are required to be valid for at least tPIWID ns to ensure proper operation when working
in edge triggered mode.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com