Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
64
Freescale Semiconductor
GPIO
Figure 43 provides the AC test load for the timers.
Figure 43. Timers AC Test Load
17 GPIO
This section describes the DC and AC electrical specifications for the GPIO of the MPC8379E.
17.1
GPIO DC Electrical Characteristics
Table 61 provides the DC electrical characteristics for the device GPIO.
17.2
GPIO AC Timing Specifications
Table 62 provides the GPIO input and output AC timing specifications.
Table 61. GPIO DC Electrical Characteristics
This specification applies when operating at 3.3 V ± 165 mV supply.
Parameter
Condition
Symbol
Min
Max
Unit
Output high voltage
IOH = –6.0 mA
VOH
2.4
—
V
Output low voltage
IOL = 6.0 mA
VOL
—0.5
V
Output low voltage
IOL = 3.2 mA
VOL
—0.4
V
Input high voltage
—
VIH
2.0
OVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.8
V
Input current
0 V
≤ VIN ≤ OVDD
IIN
—± 30
μA
Table 62. GPIO Input AC Timing Specifications
Parameter
Symbol
Min
Unit
GPIO inputs—minimum pulse width
tPIWID
20
ns
Note:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of SYS_CLKIN. Timings
are measured at the pin.
2. GPIO inputs and outputs are asynchronous to any visible clock. GPIO outputs should be synchronized before use by any
external synchronous logic. GPIO inputs are required to be valid for at least tPIWID ns to ensure proper operation.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com