Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
10
Freescale Semiconductor
Power Characteristics
2.2
Power Sequencing
The device requires its power rails to be applied in a specific sequence in order to ensure proper device
operation. During the power ramp up, before the power supplies are stable and if the I/O voltages are
supplied before the core voltage, there may be a period of time that all input and output pins will actively
be driven and cause contention and excessive current. To avoid actively driving the I/O pins and to
eliminate excessive current draw, apply the core voltages (VDD and AVDD) before the I/O voltages and
assert PORESET before the power supplies fully ramp up. VDD and AVDD must reach 90% of their
nominal value before GVDD, LVDD, and OVDD reach 10% of their value, see Figure 3. I/O voltage
supplies, GVDD, LVDD, and OVDD do not have any ordering requirements with respect to one another.
Figure 3. Power-Up Sequencing Example
Please note that the SerDes power supply (L[1,2]_nVDD) should follow the same timing as the core supply
(VDD).
The opposite sequence applies to the power down requirements. The I/O supplies must go down first and
immediately followed by the core and PLL supplies.
3
Power Characteristics
The estimated typical power dissipation for the MPC8379E device is shown in Table 5.
Table 5. MPC8379E Power Dissipation 1
Core Frequency
(MHz)
CSB/DDR Frequency
(MHz)
Sleep Power
at Tj =65°C (W)
2
Typical Application
at Tj =65°C (W)
2
Typical Application
at Tj =125°C (W)
3
Max Application
at Tj =125°C (W)
4
333
333
1.45
1.9
3.2
3.8
167
1.45
1.8
3.0
3.6
400
400
1.45
2.0
3.3
4.0
266
1.45
1.9
3.1
3.8
t
90%
V
Core Voltage (VDD, AVDD)
I/O Voltage (GVDD, LVDD, and OVDD)
0
0.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com