Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8379ECVRANDA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC8379ECVRANDA
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8379ECVRANDA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC8379ECVRANDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8379ECVRANDA Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
MPC8379E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 2
Freescale Semiconductor
11
Power Characteristics
450
300
1.45
2.0
3.2
3.8
225
1.45
1.9
3.1
3.7
500
333
1.45
2.0
3.3
3.9
250
1.45
1.9
3.2
3.8
533
355
1.45
2.0
3.3
4.0
266
1.45
2.0
3.2
3.9
600
400
1.45
2.1
3.4
4.1
300
1.45
2.0
3.3
4.0
667
333
1.45
2.1
3.3
4.1
266
1.45
2.0
3.3
3.9
800
400
1.45
2.5
3.8
4.3
Note:
1 The values do not include I/O supply power (OV
DD, LVDD, GVDD) or AVDD. For I/O power values, see Table 6.
2 Typical power is based on a voltage of V
DD = 1.0 V for core frequences ≤ 667 MHz or VDD = 1.05 V for core frequences of
800 MHz, and running a Dhrystone benchmark application.
3 Typical power is based on a voltage of V
DD = 1.0 V for core frequences ≤ 667 MHz or VDD = 1.05 V for core frequences of
800 MHz, and running a Dhrystone benchmark application.
4 Maximum power is based on a voltage of V
DD = 1.0 V for core frequences ≤ 667 MHz or VDD = 1.05 V for core frequences of
800 MHz, worst case process, and running an artificial smoke test.
Table 5. MPC8379E Power Dissipation 1 (continued)
Core Frequency
(MHz)
CSB/DDR Frequency
(MHz)
Sleep Power
at Tj =65°C (W)
2
Typical Application
at Tj =65°C (W)
2
Typical Application
at Tj =125°C (W)
3
Max Application
at Tj =125°C (W)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com