Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP6440 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 84Page - ATMEL Corporation AT89LP6440 Datasheet HTML 85Page - ATMEL Corporation AT89LP6440 Datasheet HTML 86Page - ATMEL Corporation AT89LP6440 Datasheet HTML 87Page - ATMEL Corporation AT89LP6440 Datasheet HTML 88Page - ATMEL Corporation AT89LP6440 Datasheet HTML 89Page - ATMEL Corporation AT89LP6440 Datasheet HTML 90Page - ATMEL Corporation AT89LP6440 Datasheet HTML 91Page - ATMEL Corporation AT89LP6440 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 194 page
background image
88
3706A–MICRO–9/09
AT89LP6440 - Preliminary
16.3
More About Mode 0
In Mode 0, the UART is configured as a two wire half-duplex synchronous serial interface. Serial
data enters and exits through RXD. TXD outputs the shift clock. Eight data bits are transmit-
ted/received, with the LSB first. Figure 16-1 on page 89 shows a simplified functional diagram of
the serial port in Mode 0 and associated timing. The baud rate is programmable to 1/2 or 1/4 the
oscillator frequency by setting/clearing the SMOD1 bit. However, changing SMOD1 has an
effect on the relationship between the clock and data as described below. The baud rate can
also be generated by Timer 1 by setting TB8. Table 16-4 lists the baud rate options for Mode 0.
Transmission is initiated by any instruction that uses SBUF as a destination register. The “write
to SBUF” signal also loads a “1” into the 9th position of the transmit shift register and tells the TX
Control Block to begin a transmission. The internal timing is such that one full bit slot may elapse
between “write to SBUF” and activation of SEND.
SEND transfers the output of the shift register to the alternate output function line of P3.0, and
also transfers Shift Clock to the alternate output function line of P3.1. As data bits shift out to the
right, “0”s come in from the left. When the MSB of the data byte is at the output position of the
shift register, the “1” that was initially loaded into the 9th position is just to the left of the MSB,
and all positions to the left of that contain “0”s. This condition flags the TX Control block to do
one last shift, then deactivate SEND and set TI.
Reception is initiated by the condition REN = 1 and R1 = 0. At the next clock cycle, the RX Con-
trol unit writes the bits 11111110 to the receive shift register and activates RECEIVE in the next
clock phase. RECEIVE enables Shift Clock to the alternate output function line of P3.1. As data
bits come in from the right, “1”s shift out to the left. When the “0” that was initially loaded into the
right-most position arrives at the left-most position in the shift register, it flags the RX Control
block to do one last shift and load SBUF. Then RECEIVE is cleared and RI is set.
The relationship between the shift clock and data is determined by the combination of the SM2
and SMOD1 bits as listed in Table 16-5 and shown in Figure 16-2. The SM2 bit determines the
idle state of the clock when not currently transmitting/receiving. The SMOD1 bit determines if the
output data is stable for both edges of the clock, or just one.
Table 16-4.
Mode 0 Baud Rates
TB8
SMOD1
Baud Rate
00
fSYS/4
01
fSYS/2
1
0
(Timer 1 Overflow) / 4
1
1
(Timer 1 Overflow) / 2
Table 16-5.
Mode 0 Clock and Data Modes
SM2
SMOD1
Clock Idle
Data Changed
Data Sampled
0
0
High
While clock is high
Positive edge of clock
0
1
High
Negative edge of clock
Positive edge of clock
1
0
Low
While clock is low
Negative edge of clock
1
1
Low
Negative edge of clock
Positive edge of clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com