Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89LP6440 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89LP6440
Description  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP6440 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89LP6440 Datasheet HTML 12Page - ATMEL Corporation AT89LP6440 Datasheet HTML 13Page - ATMEL Corporation AT89LP6440 Datasheet HTML 14Page - ATMEL Corporation AT89LP6440 Datasheet HTML 15Page - ATMEL Corporation AT89LP6440 Datasheet HTML 16Page - ATMEL Corporation AT89LP6440 Datasheet HTML 17Page - ATMEL Corporation AT89LP6440 Datasheet HTML 18Page - ATMEL Corporation AT89LP6440 Datasheet HTML 19Page - ATMEL Corporation AT89LP6440 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 194 page
background image
16
3706A–MICRO–9/09
AT89LP6440 - Preliminary
3.3.4
External Memory Interface
The AT89LP6440 uses the standard 8051 external memory interface with the upper address on
Port 2, the lower address and data in/out multiplexed on Port 0, and the ALE, RD and WR
strobes. The interface may be used in two different configurations depending on which type of
MOVX instruction is used to access XDATA.
Figure 3-7 shows a hardware configuration for accessing up to 64K bytes of external RAM using
a 16-bit linear address. Port 0 serves as a multiplexed address/data bus to the RAM. The
Address Latch Enable strobe (ALE) is used to latch the lower address byte into an external reg-
ister so that Port 0 can be freed for data input/output. Port 2 provides the upper address byte
throughout the operation. The MOVX @DPTR instructions use Linear Address mode
Figure 3-7.
External Memory 16-bit Linear Address Mode
Table 3-3.
MEMCON
– Memory Control Register
MEMCON = 96H
Reset Value = 0000 00XXB
Not Bit Addressable
IAP
AERS
LDPG
MWEN
DMEN
ERR
–
WRTINH
Bit
7
6
543
21
0
Symbol
Function
IAP
In-Application Programming Enable. When IAP = 1 and the IAP Fuse is enabled, programming of the CODE/SIG space
is enabled and MOVX @DPTR instructions will access CODE/SIG instead of EDATA or FDATA. Clear IAP to disable
programming of CODE/SIG and allow access to EDATA and FDATA.
AERS
Auto-Erase Enable. Set to perform an auto-erase of a Flash memory page (CODE, SIG or FDATA) during the next write
sequence. Clear to perform write without erase.
LDPG
Load Page Enable. Set to this bit to load multiple bytes to the temporary page buffer. Byte locations may not be loaded
more than once before a write. LDPG must be cleared before writing.
MWEN
Memory Write Enable. Set to enable programming of a nonvolatile memory location (CODE, SIG or FDATA). Clear to
disable programming of all nonvolatile memories.
DMEN
Data Memory Enable. Set to enable nonvolatile data memory and map it into the FDATA space. Clear to disable
nonvolatile data memory.
ERR
Error Flag. Set by hardware if an error occurred during the last programming sequence due to a brownout condition (low
voltage on VDD). Must be cleared by software.
WRTINH
Write Inhibit Flag. Cleared by hardware when the voltage on VDD has fallen below the minimum programming voltage.
Set by hardware when the voltage on VDD is above the minimum programming voltage.
P1
P0
ALE
P2
RD
P3
WR
AT89LP
DATA
LATCH
EXTERNAL
DATA
MEMORY
WE
ADDR
OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com