Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT91SAM7X512 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT91SAM7X512
Description  AT91 ARM Thumb-based Microcontrollers
PDF  687 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X512 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT91SAM7X512 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7X512 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 687 page
background image
16
6120H–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
• Embedded Flash Controller
– Embedded Flash interface, up to three programmable wait states
– Prefetch buffer, buffering and anticipating the 16-bit requests, reducing the required
wait states
– Key-protected program, erase and lock/unlock sequencer
– Single command for erasing, programming and locking operations
– Interrupt generation in case of forbidden operation
7.4
Peripheral DMA Controller
• Handles data transfer between peripherals and memories
• Thirteen channels
– Two for each USART
– Two for the Debug Unit
– Two for the Serial Synchronous Controller
– Two for each Serial Peripheral Interface
– One for the Analog-to-digital Converter
• Low bus arbitration overhead
– One Master Clock cycle needed for a transfer from memory to peripheral
– Two Master Clock cycles needed for a transfer from peripheral to memory
• Next Pointer management for reducing interrupt latency requirements
• Peripheral DMA Controller (PDC) priority is as follows (from the highest priority to the lowest):
Receive
DBGU
Receive
USART0
Receive
USART1
Receive
SSC
Receive
ADC
Receive
SPI0
Receive
SPI1
Transmit
DBGU
Transmit
USART0
Transmit
USART
Transmit
SSC
Transmit
SPI0
Transmit
SPI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com